Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV20420 Datasheet(PDF) 2 Page - Supertex, Inc

Part No. HV20420
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV20420 Datasheet(HTML) 2 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
13-33
13
HV20420/HV20620
Electrical Characteristics
DC Characteristics (over recommended operating conditions unless otherwise noted)
+25
°C
+70
°C
50KHz
Output
Switching
Frequency
with no
load
0
°C
Characteristics
Sym
Units
Test Conditions
min
max
min
typ
max
min
max
Small Signal Switch (ON)
30
26
32
35
I
SIG = 5mA
V
PP = + 50V,
Resistance
R
ONS
25
22
27
32
I
SIG = 200mA
V
NN = -150V
25
22
27
30
ohms
I
SIG = 5mA
V
PP = +100V,
18
18
20
23
I
SIG = 200mA
V
NN = -100V
Small Signal Switch (ON)
∆R
ONS
20
5.0
20
20
%
I
SW = 5mA, VPP = +100V,
Resistance Matching
V
NN = -100V
Large Signal Switch (ON)
R
ONL
15
ohms
V
SIG = VPP - 10V, ISIG = 1.0A
Resistance
Switch Off Leakage
ISOL
5.0
1.0
10
15
µAV
SIG = VPP - 10V
Per Switch
to VNN +10V
DC Offset Switch Off
300
100
300
300
mV
RL = 100KΩ
DC Offset Switch On
500
100
500
500
mV
RL = 100KΩ
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs OFF
Neg. HV Supply Current
INNQ
-10
-50
µA
ALL SWs OFF
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs ON ISW = 5mA
Neg. HV Supply Current
INNQ
-10
-50
µA
ALL SWs ON ISW = 5mA
Switch Output
3.0
3.0
2.0
2.0
A
VSIG duty cycle ≤ 0.1%
Peak Current
Output Switch Frequency
f
SW
50
KHz
Duty Cycle = 50%
8.1
8.8
10.0
V
PP = +50V,
V
NN = -150V
I
PP Supply Current
I
PP
5.0
6.3
6.9
mA
V
PP = +100V,
VNN = -100V
8.1
8.8
10.0
VPP = +50V,
VNN = -150V
INN Supply Current
INN
5.0
6.3
6.9
mA
VPP = +100V,
V
NN = -100V
Logic Supply
I
DD
6.0
4.0
6.0
6.0
mA
f
CLK = 3MHz
Average Current
Logic Supply
I
DDQ
10
10
10
µA
Quiescent Current
Data Out Source Current
ISOR
0.45
0.45
0.70
0.40
mA
VOUT = VDD - 0.7V
Data Out Sink Current
ISINK
0.45
0.45
0.70
0.40
mA
VOUT = 0.7V
Logic Input Capacitance
CIN
10
10
10
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn