Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV7131RP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. HV7131RP
Description  CMOS Image Sensor with Image Signal Processing
Download  79 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7131RP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
HV7131RP
2005/ 02 / 04 V1.5
- 5 -
2005 MagnaChip Semiconductor Ltd.
n
8bit Data Bus Mode
n
Automatic Exposure Control
n
Automatic White Balance Control
n
Frame Rate : 30 f/s at 25Mhz, HBLANK = 208, VBLANK = 8
n
Power Consumption: 86mW @ 30f/s and 2.8V, 68mW @ 15f/s and 2.8V, 336uW @ power down
n
Operation Voltage Range : 2.6V ~ 3.0V, Operation Temperature : -10 ~ +50 degrees Celsius
n
Package Types : CLCC 40 PIN, COB(Chip-on-Board), COF(Chip-on-Flex)
Block Diagram
RGB
Bayer
Color Space Conversion
& Color Correction
Output Formatter &
Inverse conversion
3x3 Color
Interpolation
to 24bit RGB
Sensor
Core
SCK
SDA
RESETB
MCLK
HSYNC
VSYNC
CEN
Strobe
10Bit
ADC
H/V Edge
Enhancement
Color Suppression
YCbCr or RGB
Output Stream
Image Enhancement
(Hue, Saturation,
Contrast, Brightness)
R(G)B (Analog) Gain
Control (AWB)
Auto Exposure
Anti Flicker
Auto White Balance
Integration Time & Pre-Amp Gain
Control (AE)
VCLK
Analog
R/G/B
Gain Amp.
Analog
Pre
Gain Amp.
RGB
Bayer
Color Space Conversion
& Color Correction
Output Formatter &
Inverse conversion
3x3 Color
Interpolation
to 24bit RGB
Sensor
Core
SCK
SDA
RESETB
MCLK
HSYNC
VSYNC
CEN
Strobe
10Bit
ADC
H/V Edge
Enhancement
Color
YCbCr or RGB
Output Stream
Image Enhancement
(Hue, Saturation,
Contrast, Brightness)
R(G)B (Analog) Gain
Control (AWB)
Auto Exposure
Anti Flicker
Auto White Balance
Integration Time & Pre-Amp Gain
Control (AE)
VCLK
Analog
R/G/B
Gain Amp.
Analog
Pre
Gain Amp.
RGB
Bayer
Color Space Conversion
& Color Correction
Output Formatter &
Inverse conversion
3x3 Color
Interpolation
to 24bit RGB
Sensor
Core
SCK
SDA
RESETB
MCLK
HSYNC
VSYNC
CEN
Strobe
10Bit
ADC
H/V Edge
Enhancement
Color Suppression
YCbCr or RGB
Output Stream
Image Enhancement
(Hue, Saturation,
Contrast, Brightness)
R(G)B (Analog) Gain
Control (AWB)
Auto Exposure
Anti Flicker
Auto White Balance
Integration Time & Pre-Amp Gain
Control (AE)
VCLK
Analog
R/G/B
Gain Amp.
Analog
Pre
Gain Amp.
RGB
Bayer
Color Space Conversion
& Color Correction
Output Formatter &
Inverse conversion
3x3 Color
Interpolation
to 24bit RGB
Sensor
Core
SCK
SDA
RESETB
MCLK
HSYNC
VSYNC
CEN
Strobe
10Bit
ADC
H/V Edge
Enhancement
Color
YCbCr or RGB
Output Stream
Image Enhancement
(Hue, Saturation,
Contrast, Brightness)
R(G)B (Analog) Gain
Control (AWB)
Auto Exposure
Anti Flicker
Auto White Balance
Integration Time & Pre-Amp Gain
Control (AE)
VCLK
Analog
R/G/B
Gain Amp.
Analog
Pre
Gain Amp.
PDF created with FinePrint pdfFactory Pro trial version www.pdffactory.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7161SPA2CMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn