Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV7131RP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. HV7131RP
Description  CMOS Image Sensor with Image Signal Processing
Download  79 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7131RP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
HV7131RP
2005/ 02 / 04 V1.5
- 4 -
2005 MagnaChip Semiconductor Ltd.
General Description
HV7131RP is a highly integrated single chip CMOS color image sensor implemented by proprietary
MagnaChip 0.30um CMOS sensor process realizing high sensitivity and wide dynamic range. Total
Pixel Array are 660x507 pixels. Each active pixel composed of 4 transistors has a micro-lens to
enhance sensitivity, and converts photon energy to analog pixel voltage. On-chip 10bit Analog to
Digital Converter (ADC) digitizes analog pixel voltage, and on-chip Correlated Double Sampling (CDS)
scheme reduces Fixed Pattern Noise (FPN) dramatically. General image processing functions such as
gamma correction, color interpolation, color correction, color space conversion, H/V Edge
Enhancement, Image Enhancement, auto exposure, and auto white balance are implemented to
diversify its applications, and various output formats are supported for the sensor to easily interface
with different video codec chips. The integration of sensor function and image processing functions
make HV7131RP especially very suitable for mobile imaging systems such as IMT-2000 phone
’s video
part that requires very low power and system compactness.
Features
n
1/4.5 inch optical format
n
Total pixel array : 660x507
n
Active pixel array : 640x480
n
5.04um x 5.04um active square pixel
n
Micro-lens for high sensitivity
n
RGB mosaic color filter array
n
On-chip 10 bit ADC
n
Correlated double sampling for reduction of Fixed Pattern Noise
n
Black Level Compensation
n
Gamma correction by programmable piecewise linear approximation
n
3x3 Color interpolation
n
Color correction by programmable 3x3 matrix operation
n
Image Enhancement : Contrast, Hue, Saturation, Brightness
n
Edge Enhancement
n
Color space conversion from RGB to YCbCr
n
Inverse Color Space conversion YCbCr to RGB
n
Sub-sampling Modes : 2x2, 2x6, CIF, QCIF
n
Various output formats : YCbCr 4:2:2, RGB 5:6:6, Bayer
PDF created with FinePrint pdfFactory Pro trial version www.pdffactory.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7161SPA2CMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131GPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn