Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2P109TF Datasheet(PDF) 5 Page - Rohm

Part # BM2P109TF
Description  Non-Isolation Buck Converter PWM method Output 2W 10V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P109TF Datasheet(HTML) 5 Page - Rohm

  BM2P109TF Datasheet HTML 1Page - Rohm BM2P109TF Datasheet HTML 2Page - Rohm BM2P109TF Datasheet HTML 3Page - Rohm BM2P109TF Datasheet HTML 4Page - Rohm BM2P109TF Datasheet HTML 5Page - Rohm BM2P109TF Datasheet HTML 6Page - Rohm BM2P109TF Datasheet HTML 7Page - Rohm BM2P109TF Datasheet HTML 8Page - Rohm BM2P109TF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/8
© 2018 ROHM Co., Ltd.
No. 60UG066E Rev.001
2018.3
User’s Guide
BM2P109TF-EVK-001
Performance Data
Figure 6. Load Regulation (IOUT vs. VOUT)
Figure 7. LOAD Regulation (IOUT vs. Efficiency)
Figure 8. Load Regulation (IOUT vs. PLOSS)
Figure 9. LOAD Regulation (IOUT vs. PLOSS)
Table 2. Load Regulation (VIN=100Vac)
Table 3. Load Regulation (VIN=230Vac)
IOUT
VOUT
Efficiency
37.5 mA
9.819 V
72.91 %
75.0 mA
9.731 V
77.31 %
112.5 mA
9.696 V
79.27 %
150.0 mA
9.677 V
79.71 %
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
0
100
200
300
400
Output Current [mA]
VIN=100Vac V
IN=230Vac
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
Output Current [mA]
VIN=100Vac
VIN=230Vac
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
Output Current [mA]
VIN=100Vac
VIN=230Vac
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
1
10
100
Output Current [mA]
VIN=100Vac
VIN=230Vac
IOUT
VOUT
Efficiency
37.5 mA
9.803 V
69.62 %
75.0 mA
9.757 V
71.25 %
112.5 mA
9.705 V
72.35 %
150.0 mA
9.659 V
74.45 %


Similar Part No. - BM2P109TF

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P109TFVK-001 ROHM-BM2P109TFVK-001 Datasheet
850Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 10V
More results

Similar Description - BM2P109TF

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P109TFVK-001 ROHM-BM2P109TFVK-001 Datasheet
850Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 10V
BM2P129TFVK-001 ROHM-BM2P129TFVK-001 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P129TF ROHM-BM2P129TF_18 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P139TF ROHM-BM2P139TF_18 Datasheet
859Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 13V
BM2P161W ROHM-BM2P161W_18 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P161WVK-001 ROHM-BM2P161WVK-001 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P249TF ROHM-BM2P249TF Datasheet
926Kb / 10P
   Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P249TFVK-001 ROHM-BM2P249TFVK-001 Datasheet
926Kb / 10P
   Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
BM2P016TVK-002 ROHM-BM2P016TVK-002 Datasheet
645Kb / 12P
   Isolation Fly-back Converter PWM method Output 22.5W 15V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com