Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2P016TVK-002 Datasheet(PDF) 5 Page - Rohm

Part # BM2P016TVK-002
Description  Isolation Fly-back Converter PWM method Output 22.5W 15V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P016TVK-002 Datasheet(HTML) 5 Page - Rohm

  BM2P016TVK-002 Datasheet HTML 1Page - Rohm BM2P016TVK-002 Datasheet HTML 2Page - Rohm BM2P016TVK-002 Datasheet HTML 3Page - Rohm BM2P016TVK-002 Datasheet HTML 4Page - Rohm BM2P016TVK-002 Datasheet HTML 5Page - Rohm BM2P016TVK-002 Datasheet HTML 6Page - Rohm BM2P016TVK-002 Datasheet HTML 7Page - Rohm BM2P016TVK-002 Datasheet HTML 8Page - Rohm BM2P016TVK-002 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/10
User’s Guide
BM2P016T-EVK-002
© 2018 ROHM Co., Ltd.
No. 61UG006E Rev.001
MAR.2018
Transformer Design
Product
: XE2186A AlphaTrans Corp.
Bobbin
: EI-2506 10PIN
Core
: EE25/20 JSF
Figure 6. Connection Diagram
Figure 7. Winding structure diagram
Table 2. Winding Specification
Winding
PIN
Winding
Material
Number of Turns
Winding*
Barrier
Tape
Insulation
Tape
NP1-1
③→②
2UEW 0.32
56T / 2Layer
Insulation Tape
1T
NS1-2
⑨→⑧
TEX-E 0.50
14T
Insulation Tape
1T
NP2
④→⑤
2UEW 0.32
28T
Insulation Tape
1T
NS1-1
⑧→⑦
TEX-E 0.50
14T
Insulation Tape
1T
NP1-2
②→①
2UEW 0.32
54T / 2Layer
Insulation Tape
3T
*All windings are closely wound
Inductance (Lp)
1000
μH±10% (100kHz,1V)
Leakage Inductance
50
μH MAX
Withstand Voltage
Pri – Sec
AC1500V
Sec - Core
AC1500V
Pri – Core
AC500V
Insulation resistance
100M
Ω over (DC500V)
Manufacturer
Alfatrans Co., LTD.
541-0059
2-7-1 bakurou-cho, chu-o ku, osaka
http://www.alphatrans.jp/
NP1-1
NS1-1
NP2
NS1-2
NP1-2


Similar Part No. - BM2P016TVK-002

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P016T ROHM-BM2P016T Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
BM2P016T-EVK-001 ROHM-BM2P016T-EVK-001 Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
More results

Similar Description - BM2P016TVK-002

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P016T ROHM-BM2P016T Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
BM2P016T-EVK-001 ROHM-BM2P016T-EVK-001 Datasheet
964Kb / 12P
   Isolation Fly-back type PWM method Output 30W 24V Output
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
BM2P139TF ROHM-BM2P139TF_18 Datasheet
859Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 13V
BM2P161W ROHM-BM2P161W_18 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P129TFVK-001 ROHM-BM2P129TFVK-001 Datasheet
960Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 12V
BM2P249TF ROHM-BM2P249TF Datasheet
926Kb / 10P
   Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P249TFVK-001 ROHM-BM2P249TFVK-001 Datasheet
926Kb / 10P
   Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P161WVK-001 ROHM-BM2P161WVK-001 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P109TF ROHM-BM2P109TF Datasheet
850Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2W 10V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com