Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BM2P016T-EVK-001 Datasheet(PDF) 2 Page - Rohm

Part No. BM2P016T-EVK-001
Description  Isolation Fly-back type PWM method Output 30W 24V Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BM2P016T-EVK-001 Datasheet(HTML) 2 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/10
© 2017 ROHM Co., Ltd.
No. 60UG047E Rev.001
2017.10
User’s Guide
BM2P016T-EVK-001
Ta[℃]
Po[W]
-10℃
25℃
50℃ 65℃
30W
24W
Operation Procedure
1. Operation Equipment
(1) AC Power supply 85Vac〜264Vac, over 100W
(2) Electronic Load capacity 1.25A
(3) Multi meter
2. Connect method
(1) AC power supply presetting range 85~264Vac, Output switch is off.
(2) Load setting under 1.25A. Load switch is off.
(3) AC power supply N terminal connect to the board AC (N) of CN1, and L terminal connect to AC(L).
(4) Load + terminal connect to VOUT1, GND terminal connect to GND1 terminal
(5) AC power meter connect between AC power supply and board.
(6) Output test equipment connects to output terminal
(7) AC power supply switch ON.
(8) Check that output voltage is 24V.
(9) Electronic load switch ON
(10) Check output voltage drop by load connect wire resistance
Figure 1. Connection Circuit
Frame Ground (FG)
This evaluation board is provided with a frame ground terminal. The leftmost terminal of CN1 is the frame
ground. In addition, the screw hole on the left side of the board is also a frame ground and it is possible to
connect to the metal case.
Derating
Maximum Output Power Po of this reference board is 30W.
The derating curve is shown on the right.
if ambient temperature is over 50℃, please adjust load continuous time by
over 105℃ of any parts surface temperature.
Figure 2. Temperature Derating curve
AC
Power
Supply
+
DC Multi Meter
V
Electronic
Load
Power
Meter
CN1 : from the left ①:“Frame GND”, ②:N.C, ③:AC (N), ④:AC (L)
FG
FG


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn