Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BM2P016T-EVK-001 Datasheet(PDF) 9 Page - Rohm

Part No. BM2P016T-EVK-001
Description  Isolation Fly-back type PWM method Output 30W 24V Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BM2P016T-EVK-001 Datasheet(HTML) 9 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/10
© 2017 ROHM Co., Ltd.
No. 60UG047E Rev.001
2017.10
User’s Guide
BM2P016T-EVK-001
Figure 16. Secondary Peak Current (IOUT vs. Ipeak)
Figure 17. VOUT Ripple Voltage (IOUT vs. Vripple)
VIN=100Vac, IOUT=20mA
VIN=100Vac, IOUT=1.0A
VIN=100Vac, IOUT=1.25A
Figure 18. VOUT Ripple Voltage.1
Figure 19. VOUT Ripple Voltage.2
Figure 20. VOUT Ripple Voltage.3
VIN=230Vac, IOUT=20mA
VIN=230Vac, IOUT=1.0A
VIN=230Vac, IOUT=1.25A
Figure 21. VOUT Ripple Voltage.4
Figure 22. VOUT Ripple Voltage.5
Figure 23. VOUT Ripple Voltage.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
250
500
750
1000
1250
Output Current [mA]
VIN=100Vac
VIN=230Vac
0
50
100
150
200
250
0
250
500
750
1000
1250
Output Current [mA]
VIN=100Vac
VIN=230Vac
Ripple Voltage: 105mVpp
Ripple Voltage: 175mVpp
Ripple Voltage: 200mVpp
Ripple Voltage: 125mVpp
Ripple Voltage: 163mVpp
Ripple Voltage: 191mVpp
VO
2V/div
Time scale 5ms/div
VO
2V/div
Time scale 10μs/div
Time scale 10μs/div
Time scale 5μs/div
Time scale 5μs/div
Time scale 2ms/div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn