Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BM2P016T-EVK-001 Datasheet(PDF) 8 Page - Rohm

Part No. BM2P016T-EVK-001
Description  Isolation Fly-back type PWM method Output 30W 24V Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BM2P016T-EVK-001 Datasheet(HTML) 8 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/10
© 2017 ROHM Co., Ltd.
No. 60UG047E Rev.001
2017.10
User’s Guide
BM2P016T-EVK-001
Figure 12. LINE Regulation (IOUT vs. VOUT)
Figure 13. LINE Regulation (IOUT vs. Efficiency)
Figure 14. Switching Frequency (IOUT vs. FSW)
Figure 15. Primary Peak Current (IOUT vs. Ipeak)
21.6
22.0
22.4
22.8
23.2
23.6
24.0
24.4
24.8
25.2
25.6
26.0
26.4
80 100 120 140 160 180 200 220 240 260
Input Voltage [Vac]
IOUT=0.1A
IOUT=0.5A
IOUT=1.0A
IOUT=1.25A
0
10
20
30
40
50
60
70
80
90
100
80 100 120 140 160 180 200 220 240 260
Input Voltage [Vac]
IOUT=0.1A
IOUT=0.5A
IOUT=1.0A
IOUT=1.25A
0
10
20
30
40
50
60
70
0
250
500
750
1000
1250
Output Current [mA]
VIN=100Vac
VIN=230Vac
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
250
500
750
1000
1250
Output Current [mA]
VIN=100Vac
VIN=230Vac


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn