Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9409F Datasheet(PDF) 25 Page - Rohm

Part # BD9409F
Description  1ch Boost up type White LED Driver for large LCD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9409F Datasheet(HTML) 25 Page - Rohm

Back Button BD9409F Datasheet HTML 21Page - Rohm BD9409F Datasheet HTML 22Page - Rohm BD9409F Datasheet HTML 23Page - Rohm BD9409F Datasheet HTML 24Page - Rohm BD9409F Datasheet HTML 25Page - Rohm BD9409F Datasheet HTML 26Page - Rohm BD9409F Datasheet HTML 27Page - Rohm BD9409F Datasheet HTML 28Page - Rohm BD9409F Datasheet HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25/33
© 2016 ROHM Co., Ltd. All rights reserved.
01.Nov.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BD9409F
TSZ02201-0T2T0C100230-1-2
3.5.5 OVP Detection
MS
PWM
3.0V
2.8V
3.0V
2.8V
3.0V
2.8V
Abnormal
COUNTER
OVP
SS
GATE
DIMOUT
Less than
Gate 4count
Gate 4count
Less than
Gate 4count
NORMAL
OVP
NORMAL
abnormal
NORMAL
OVP
NORMAL
STATE
OVP
abnormal
abnormal
0.4V
FAIL
REG90
AUTO COUNTER
131072 count
Latch off and
AUTO COUNTER
(*1)
(*2)
(*3)
(*4) (*5)
(*6)
(*7)
STB
Figure 34. OVP Detection
(*1)…As OVP is detected, the output GATE=L, DIMOUT=L, and the abnormal counter starts.
(*2)…If OVP is released within 4 clocks of abnormal counter of the GATE pin frequency, the boost operation restarts.
(*3)…As the OVP is detected again, the boost operation is stopped.
(*4)…As the OVP detection continues up to 4 count by the abnormal counter, IC will be latched off. After latched off, auto
counter starts counting.
(*5)… Once IC is latched off, the boost operation doesn't restart even if OVP is released.
(*6)…When auto counter reaches 131072clk (217clk), IC will be auto-restarted. The auto restart interval can be calculated by the
external resistor of RT pin. (Please refer to the section 3.2.7.)
(*7)…The operation of the OVP detection is not related to the logic of PWM.


Similar Part No. - BD9409F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD940 ISC-BD940 Datasheet
116Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD940 NJSEMI-BD940 Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
logo
Rohm
BD9400BFP ROHM-BD9400BFP Datasheet
385Kb / 6P
   Silicon Monolithic integrated Circuit
BD9401FM ROHM-BD9401FM Datasheet
411Kb / 6P
   Silicon Monolithic integrated Circuit
BD9401FV ROHM-BD9401FV Datasheet
363Kb / 6P
   Silicon Monolithic integrated Circuit
More results

Similar Description - BD9409F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9489F ROHM-BD9489F_16 Datasheet
1Mb / 40P
   1ch Boost up type White LED Driver for large LCD
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
   1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com