Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CE31 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-CE31
Description  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE31 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CE31 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE31 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE31 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE31 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE31 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE31 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings at TA = 25˚C
Parameter
Value
Units
DC Forward Current[1]
30
mA
Peak Forward Current
100
mA
Average Forward Current
30
mA
Power Dissipation
120
mW
Reverse Voltage (IR = 100 µA)
5
V
LED Junction Temperature
100
˚C
Operating Temperature Range
–40 to +80
˚C
Storage Temperature Range
–40 to +100
˚C
Note:
1.
Derate linearly as shown in Figure 4 for temperatures above 50˚C.
Optical Characteristics at TA = 25˚C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
IV[1] (mcd)
Wavelength Wavelength
Spectral
2
θ1/2
Luminous
at IF = 20 mA
λPEAK (nm)
λd[2] (nm)
Halfwidth Degrees[3]
Efficacy[4]
Part Number
Typ.
Typ.
∆λ1/2 (nm)
Typ.
ηV (lm/W)
HLMP-CE23
1000
1500
502
505
35
23
350
HLMP-CE24
1000
1500
502
505
35
23
350
HLMP-CE23-R0000
1300
2100
502
505
35
23
350
HLMP-CE24-R0000
1300
2100
502
505
35
23
350
HLMP-CE23-S0000
1650
2300
502
505
35
23
350
HLMP-CE24-S0000
1650
2300
502
505
35
23
350
HLMP-CE30
590
1150
502
505
35
30
350
HLMP-CE31
590
1150
502
505
35
30
350
HLMP-CE30-P0000
765
1900
502
505
35
30
350
HLMP-CE31-P0000
765
1900
502
505
35
30
350
HLMP-CE30-Q0000
1000
2100
502
505
35
30
350
HLMP-CE31-Q0000
1000
2100
502
505
35
30
350
Min.
Typ.
Notes:
1. All InGaN LEDs represented here are IEC825 Class 2. See Application Brief 1009 and 1015 for details.
2. The dominant wavelength
λd is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. Luminous efficacy is the ratio of luminous flux to radiant flux.


Similar Part No. - HLMP-CE31

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE31 AVAGO-HLMP-CE31 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE31 HP-HLMP-CE31 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE31-N0000 HP-HLMP-CE31-N0000 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE31-QTC00 HP-HLMP-CE31-QTC00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE31-QTQ00 HP-HLMP-CE31-QTQ00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
More results

Similar Description - HLMP-CE31

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com