Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GXO-E72J Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part No. GXO-E72J
Description  2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOLLEDGE [Golledge Electronics Ltd]
Homepage  http://www.golledge.com
Logo 

GXO-E72J Datasheet(HTML) 2 Page - Golledge Electronics Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GXO-E72J 2/5
v1.0
Frequency range
40.0 ~ 200MHz
Dimensions
7.0 x 5.0 x 1.65mm
Storage
temperature range
-40 to +85°C
Supply voltage
(V )
+2.5V (±5%)
Supply current
90mA max, 60mA typ
Output
Complementary LV-PECL
Output load
50Ω (into V -2V)
Logic levels
‘0’ level = 1.195V max
‘1’ level = 1.415V min
Start up time
10ms max
Waveform
symmetry
40:60 max @ 50%V
Rise / fall time
1.0ns max (20 ~ 80%V )
Output enable /
disable time
2ms / 200ns max
Stand-by current
30µA max
Phase jitter RMS
1ps max (0.3ps typ), 12kHz~20MHz
Ageing
±5ppm max, 1st year
To request a quotation for the GXO-E72J please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Input (pad
1)
Output 1
(pad 4)
Output 2
(pad 5)
Open
Enabled
Enabled
'1' level (0.7
V )
Enabled
Enabled
'0' level (0.3
V )
High
Impedanceive
High Impedance
SPECIFICATIONS
DD
DD
P-P
P-P
PACKAGE DRAWING
ORDERING INFORMATION
ENABLE / DISABLE FUNCTION
DD
DD


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn