Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GXO-E72J Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part No. GXO-E72J
Description  2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOLLEDGE [Golledge Electronics Ltd]
Homepage  http://www.golledge.com
Logo 

GXO-E72J Datasheet(HTML) 1 Page - Golledge Electronics Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GXO-E72J 1/5
v1.0
GXO-E72J
GXO-E72J
2.5V Oscillator with LV-PECL Output
2.5V Oscillator with LV-PECL Output
and Low Phase Jitter
and Low Phase Jitter
Differential LV-PECL outputs
Low phase jitter
Enable / disable tristate function
Fast rise / fall times
Designed for SONET, SDH, IEEE1394 etc
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
see note below
Any
±100ppm
±50ppm
B
±25ppm
A
Operating temperature range
Any
-10 to +70°C
-40 to +85°C
I
Enable / disable function
Any
Tristate (control via pad 1)
None (pad 1 not connected)
N
Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply voltage change
and load change.
*
*


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn