Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GXO-E72J Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part No. GXO-E72J
Description  2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOLLEDGE [Golledge Electronics Ltd]
Homepage  http://www.golledge.com
Logo 

GXO-E72J Datasheet(HTML) 3 Page - Golledge Electronics Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GXO-E72J 3/5
v1.0
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
MARKING
SOLDERING PROFILE
TAPE & REEL SPECIFICATION
HANDLING & STORAGE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn