Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-053L-XXXE Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-053L-XXXE
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-053L-XXXE Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-053L-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-053L-XXXE Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Figure 6. Test circuit for transient immunity and typical waveforms.
Figure 5. Switching test circuit.
O
V
3.3 V
OL
V
O
V
0 V
10%
90% 90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 16 mA
F
CM
V
t r
t f
7
1
2
3
4
5
6
8
VO
0.1 µF
L
R
+3.3 V
PULSE GEN.
VCM
+
V
IF
*
A
B
FF
VO
PULSE
GEN.
Z
= 50
t = 5 ns
O
r
I
MONITOR
F
IF
0.1µF
L
R
CL = 1.5 µF
RM
0
tPHL
t
PLH
O
V
IF
OL
V
50%
+3.3 V
1
2
3
4
8
7
6
5
50%
10% DUTY CYCLE
1/f < 100 µS
10


Similar Part No. - HCPL-053L-XXXE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-053L-000E AVAGO-HCPL-053L-000E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-053L-500E AVAGO-HCPL-053L-500E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Similar Description - HCPL-053L-XXXE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com