Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6714G Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HL6714G
Description  AlGaInP Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HL6714G Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HL6714G Datasheet HTML 1Page - Hitachi Semiconductor HL6714G Datasheet HTML 2Page - Hitachi Semiconductor HL6714G Datasheet HTML 3Page - Hitachi Semiconductor HL6714G Datasheet HTML 4Page - Hitachi Semiconductor HL6714G Datasheet HTML 5Page - Hitachi Semiconductor HL6714G Datasheet HTML 6Page - Hitachi Semiconductor HL6714G Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HL6714G
AlGaInP Laser Diode
ODE-208-192C (Z)
Rev.3
Jan. 2003
Description
The HL6714G is a 0.67
µm band AlGaInP index-guided laser diode with a multi-quantum well (MQW)
structure. It is suitable as a light source for laser beam printers, levelers and various other types of optical
equipment. Hermetic sealing of the package assures high reliability.
Features
• Visible light output at wavelengths up to 680 nm
• Single longitudinal mode
• Low astigmatism: 10 µm Typ
• High output power: 10 mW (CW)
• Built-in monitor photodiode
LD
PD
1
3
Internal Circuit
Package Type
• HL6714G: G2
2


Similar Part No. - HL6714G

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6714G OPNEXT-HL6714G Datasheet
93Kb / 4P
   AlGaInP Laser Diode
More results

Similar Description - HL6714G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6314MG HITACHI-HL6314MG Datasheet
31Kb / 6P
   AlGaInP Laser Diode
logo
Opnext. Inc.
HL6714G OPNEXT-HL6714G Datasheet
93Kb / 4P
   AlGaInP Laser Diode
HL6724MG OPNEXT-HL6724MG Datasheet
92Kb / 4P
   AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6323MG HITACHI-HL6323MG Datasheet
36Kb / 8P
   AlGaInP Laser Diode
logo
Sanyo Semicon Device
DL-4038-025 SANYO-DL-4038-025 Datasheet
68Kb / 3P
   High Power AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6320G HITACHI-HL6320G Datasheet
28Kb / 6P
   AlGaInP Laser Diodes
logo
Opnext. Inc.
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
HL6312G OPNEXT-HL6312G Datasheet
93Kb / 4P
    AlGaInP Laser Diodes
HL6321G OPNEXT-HL6321G Datasheet
95Kb / 4P
   AlGaInP Laser Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com