Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HG4509 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. HG4509
Description  LOW PROFILE MINIATURE PCB POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HG4509 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile Miniature PCB Power Relay
HG4509
HG4509
1/2
FEATURES
TYPICAL APPLICATIONS
CONTACT RATING
CONTACT DATA
COIL DATA
8A, 12A & 16 A contact capacity
UL, CUR approved
Home appliances
Office machines
Vending machines
Air conditioners, refrigerators
Low profile design, 15.7 mm in height
Sealed and dust cover version available
10 mm creepage distance between coil and contacts
5 KV dielectric strength between coil and contacts
1 Form A to 2 Form C contact forms available
Form
Max. Switching Current
Max. Switching Voltage
Max. Switching Power
Material
Service Life
Mechanical
AgCdO
107 ops.
105 ops.
50 mΩ max. at 1A, 6VDC
Eletrical
Initial Contact Resistance
Rated Load
1 Form A (H)
440VAC/125VDC
12A/16A
12A/16A
8A
8A
3000VA/4000VA
2000VA
1 Form B (D)
1 Form C (Z)
2 Form A (2H)
2 Form B (2D)
2 Form C (2Z)
Coil Voltage Code
Nomanal Voltage
(VDC)
Resistance
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
(Ω) ±10%
Power
Consumption
005
006
012
024
048
060
110
5
6
12
24
48
60
110
3.5
4.2
8.4
16.8
33.6
42.0
77.0
0.5
0.6
1.2
2.4
4.8
6.0
11.0
62
90
360
1440
0.4W
5760*
7500*
25200*
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
Dielectric Strength
7 ms.
3 ms.
1000 MΩ, at 500 VDC, 50%RH
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
2500 Vrms, 1 min. between poles
10 g, 11ms. functional; 100 g, destructive
5 g / 10 g, 30 - 150 Hz
13.5 g, approx.
-40ºC to 70ºC
ORDERING DESIGNATION
Example:
HG4509 /
012 -
1Z
1
1
Model
Version
Structure Version
Coil Voltage Code
Contact Form
1H: 1 Form A; 2H: 2 Form A
1: Sealed; 2: Dust Cover
1: 1 pole, 12A; 3.5 mm
2: 1 pole, 12A; 5 mm
3: 1 pole, 16A; 5 mm
4: 2 pole, 8A; 5 mm
1D: 1 Form B; 2D: 2 Form B
1Z: 1 Form C; 2Z: 2 Form C


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HG4518Low Profile Miniature PCB Power Relay 1 2 DB Lectro Inc
PC378Low Profile Minature PCB Power Relay 1 2 Picker Components
PC375Low Profile Minature PCB Power Relay 1 2 Picker Components
G6H-2FLow Profile Miniature Surface Mount Relay 1 2 3 4 Omron Electronics LLC
HG4138LMiniature PCB / QC Heavy Duty Power Relay 1 2 DB Lectro Inc
ALZ21B0516A Low Profile Power Relay 1 2 3 Nais(Matsushita Electric Works)
HG4234Miniature PCB / QC Power Relay 1 2 3 DB Lectro Inc
PCD-PCDF15 Amp Low Profile Power PC Board Relay 1 2 Tyco Electronics
HG4234AAutomotive Miniature PCB Power Relay 1 2 DB Lectro Inc
PC459DPDT Miniature PCB Power Relay 1 2 Picker Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn