Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 14 -
13. Package
13.1 Outline Dimensions
・16-pin HQFN (Lead Terminals are plated)
13.2 Marking
YWWAA
(1) 1pin Indication
(2) Product Number
(3) Manufacturing Date Year (last 1 digits)
(4) Manufacturing Date Week
(5) Administration Number
(1)
1163A
(3)
(2)
(4)
(5)
Unit: mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn