Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 12 -
12. Recommended External Circuits
12.1.
External Circuit Example
CNP
EN
NC
GND
NP1
OUT1
DIAG
OVoutB
GND
1
2
3
4
9
10
11
12
Exposed Pad
OUT2
NC
IN1
IN2
NP2
NC
NC
UVoutB
16
13
15
14
VIN
CIN
5
8
6
7
AP1163
Device
COUT
R1
Diagnosis
Circuit
R2
Figure 6. External Circuit Example
Table 1. Recommended External Parts
Parts
Min.
Typ.
UNIT
Note
CIN
4.7
10
µF
Ceramic Capacitor
COUT
4.7
10
µF
Ceramic Capacitor
CNP
1000
2000
pF
Ceramic Capacitor
R1
10
100
R2
10
100
Note 8. Above values are recommended examples (effective capacitance value). Before using the
AP1163, please check and choose optimal values on your system board.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn