Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 11 -
■Line Regulation
■Startup Time
IOUT=1000mA, Ta=25ºC
VIN=3.8V, IOUT=0mA, Ta=25°C
■Load Transient
VIN=3.8V, Ta=25ºC, IOUT: 0mA→1000mA
IOUT: 1000mA→0mA
3.325
3.345
3.365
3.385
3.405
3.425
3.445
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
EN
OUT
UVoutB
OVoutB
100μsec/div, 2V/div
IOUT [500mA/div]
VOUT [AC200mV/div]
UVoutB [2V/div]
OVoutB [2V/div]
1μsec/div
IOUT [500mA/div]
VOUT [AC200mV/div]
UVoutB [2V/div]
OVoutB [2V/div]
1μsec/div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn