Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 10 -
11. Characteristic Examples
It is measurement result by our recommended constant.
■Output Noise
■Ripple Rejection Ratio
VIN=3.8V, IOUT=1000mA, Ta=25°C
VIN=4.2V, IOUT=1mA, Ta=25ºC
■Input / Output Voltage Characteristics
■Load Regulation
IOUT=1000mA, Ta=25ºC
VIN=4.2V, Ta=25ºC
■Overcurrent Protect Characteristics
■Temperature Characteristic of Output Voltage
VIN=4.2V, Ta=25ºC
VIN=3.8V, IOUT=0mA,
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
100
10k
1M
10
10M
100k
1k
f (Hz)
0.0
1.0
2.0
3.0
4.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VIN (V)
3.325
3.345
3.365
3.385
3.405
3.425
3.445
0
200
400
600
800
1000
IOUT (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
400
800
1200
1600
2000
IOUT (mA)
3.325
3.345
3.365
3.385
3.405
3.425
3.445
-50 -25
0
25
50
75 100 125
Ta (℃)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn