Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 1 -
1. Genaral Description
The AP1163 is an integrated circuit having bipolar silicon monolithic architecture. It is a low dropout
regulator with ON/OFF control and capable of supplying an output current of 1000mA constantly. The
AP1163 has regulator output voltage monitoring function, enabling to detect overvoltage and undervoltage.
Self-diagnose function can detect a fault operation of overvoltage and undervoltage detections. In addition,
overcurrent protection and thermal shutdown circuits are integrated.
2. Feartures
Low Noise: 180nV/
√Hz at 10kHz
Overvoltage/Undervoltage Detection Function
Self-Diagnose Function for Overvoltage/Undervoltage Detection
Operating Temperature: -40 ~ 125 °C
High Accurate Output Voltage: 3.38V ± 65mV
Dropout Voltage: 300mV at Iout = 1000mA
Great RSRR: 78dB at 1kHz
Low Power Consumption: 1mA at Iout=0mA
ON/OFF Control of Regulator Output (Active High)
Overcurrent Protection and Thermal Shutdown Circuits
Small Package: 16-pin HQFN
3. Applications
Automotive Equipment
Industrial Equipment
1000mA LDO Regulator with Over/Under Voltage Detection Function
AP1163


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn