Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 7 -
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Delay Time of Releasing
Overvoltage Detection
tOVOFF
“H” Detection Level: 2.64V
(Note 5)
-
0.3
2
μs
UVoutB Output Low Level
VUVOL
IUVOUTB=+1mA
-
0.1
0.4
V
OVoutB Output Low Level
VOVOL
IOVOUTB=+1mA
-
0.1
0.4
V
UVoutB Output Leak Current
IUVOL
UVOUTB =5V
-
-
1
μA
OVoutB Output Leak Current
IOVOL
OVOUTB =5V
-
-
1
μA
Thermal Shutdown Function
Thermal Shutdown
Temperature
(Note 6)
TSD
Temperature Rising
151
165
180
°C
Temperature Hysteresis of
Thermal Shutdown (Note 6)
TSDH
Temperature Falling
5
15
20
°C
DIAG Terminal
DIAG Terminal Voltage
“H” Detection Level
VDGH
2.1
-
-
V
DIAG Terminal Voltage
”L” Detection Level
VDGL
-
-
1.1
V
DIAG Terminal Pull-down
Resistance
RDIAG
50
100
200
Noise: IOUT=20mA~1000mA, CNP=1000pF
Output Noise (Note 6)
VNOISE
100Hz
-
-
1400
nV/
√Hz
500Hz
-
-
1000
1kHz
-
-
900
10kHz
-
-
180
100kHz
-
-
60
1MHz
-
-
50
10MHz
-
-
10
20MHz
-
-
3
Ripple Rejection: VIN=4.2V, IOUT=1mA
Ripple Rejection (Note 7)
PSRR
100Hz
-
79
-
dB
1kHz
-
78
-
dB
10kHz
-
59
-
dB
100kHz
-
65
-
dB
1MHz
-
51
-
dB
2MHz
-
37
-
dB
5MHz
-
31
-
dB
Power-up
Power-up Time
tSTRT
Time until UVoutB pin starts
outputting after EN pin = “L”
CNP=2000pF, COUT=10
μF
-
-
500
μs
Note 4. The maximum current is limited by power dissipation.
Note 5. Pulled up by
100kΩ, 3.3V.
Note 6. Guaranteed by design. Not all of products are tested on shipping.
Note 7. Design reference values


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn