Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 6 -
8. Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Operational Temperature Range
Ta
-40
-
125
°C
IN1/2 Voltage Range
VIN1
3.8
-
5.5
V
9. Electrical Characteristics
(3.8V
≤ V
IN
≤ 5.5V, V
EN = 3.3V, -40°C
≤ T
j
≤ 150°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Regulator
Output Voltage
VOUTA
1mA
≤ IOUT ≤1000mA
3.275
3.380
3.445
V
VOUTB
1mA
≤ IOUT ≤1000mA
2.5V≤VIN<3.8V
VIN-VDROP
-
3.6
Dropout Voltage
VDROP1
VIN = 2.5V, IOUT =1000mA
Ta
≤25°C
-
-
0.3
V
VDROP2
VIN = 2.5V, IOUT =1000mA
25°C<Ta
-
-
0.4
Over Current Detection Level
(Note 4)
IOCPTRIP
VOUT
≥ 3V
3.8V ≤ VIN < 5.5V
1050
1700
2000
mA
2.5V ≤ VIN < 5.5V
1050
1700
2400
mA
Reverse Current
IREV
VIN=0V, VOUT=5V
-
-
1.0
mA
Power Dissipation
IN Terminal
Power Dissipation 1
IQ
IOUT=0mA, EN= “H”
Ta
≤25°C
0.25
1.0
2.0
mA
IOUT=0mA, EN= “H”
25°C<Ta
10
IN Terminal
Power Dissipation 2
IS
IOUT=0mA, EN= “L”
75
200
500
μA
EN Terminal
EN Terminal Voltage
“H” Detection Level
VENH
2.1
-
-
V
EN Terminal Voltage
”L” Detection Level
VENL
-
-
1.1
V
EN Pin Pull-down Resistance
REN
50
100
200
NP Terminal
NP Terminal Voltage
VNP
1.0
1.25
1.5
V
Output Voltage Monitoring Function :
2.5V ≤ VIN ≤ 5.5V
Output Level of Undervoltage
VUV
VIN=1.0V
IUVOUTB=1mA
0
-
0.66
V
Undervoltage Detection
Threshold
VTHUV
DIAG pin = “L”
3.135
3.190
3.245
V
Output Voltage
‒ Undervoltage
Detecting Level
dV1
DIAG pin = “L”
80
190
310
mV
Overvoltage Detection
Threshold
VTHOV
DIAG pin = “L”
3.465
3.530
3.595
V
Overvoltage Detecting Level
Output Voltage
dV2
DIAG pin = “L”
70
150
280
mV
Delay Time of Undervoltage
Detection
tUVON
“L” Detection Level: 0.66V
(Note 5)
-
0.3
1
μs
Delay Time of Releasing
Undervoltage Detection
tUVOFF
“H” Detection Level: 2.64V
(Note 5)
-
0.3
2
μs
Delay Time of Overvoltage
Detection
tOVON
“L” Detection Level: 0.66V
(Note 5)
-
0.3
2
μs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn