Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 5 -
7. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Condition
IN1/2 Terminal Voltage
VIN
-0.3
16
V
OUT1/2 Terminal Voltage
VOUT
-0.3
10
V
NP Terminal Voltage
VNP
-0.3
6
V
EN Terminal Voltage
VEN
-0.3
16
V
OVoutB Terminal Voltage
VOVO
-0.3
16
V
UVoutB Terminal Voltage
VUVO
-0.3
16
V
DIAG Terminal Voltage
VDIAG
-0.3
16
V
Junction Temperature
Tj
-
150
°C
Storage Temperature
Tstg
-55
150
°C
Power Dissipation
PD
-
3.125
W
Ta=25°C (Note 3)
Note 3.
It should be derated by ‒25mW if the temperature is higher than 25°C.
Thermal Resistance θJA=40°C /W
-40 -25
0
25
50
75 85
100
125
150
175
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Temperature (
°C)
HQFN-16
R
θJA=40°C/W at JEDEC 4-layer PCB
(JESD51-5, JESD51-7)
Figure 2. Maximum Power Dissipation
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn