Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1163 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part No. AP1163
Description  1000mA LDO Regulator with Over/Under Voltage Detection Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1163 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
[AP1163]
018002684-E-00
2018/05
- 4 -
6. Pin Configurations and Functions
6.1 Pin Layout
EN
NC
GND1
NP1
OUT1
DIAG
OVoutB
GND2
1
2
3
4
9
10
11
12
Exposed Pad
OUT2
NC
IN1
IN2
NP2
NC
NC
UVoutB
5
8
6
7
16
13
15
14
6.2 Pin Function
No.
Name
I/O
Description
1
EN
I
ON/OFF Control of Regulator
Regulator output monitoring function is not turned OFF by this
setting. This pin is internally pulled down by 100k
Ω.
2
NC
-
No Connection Pin
3
GND1
-
Ground Pin
No.3 pin and No.9 pin are internally connected.
4
NP1
O
Noise Path Pin
Connect a capacitor between these pins and the GND.
5
NP2
O
6
NC
-
No Connection Pin
7
NC
-
No Connection Pin
8
UVoutB
O
Undervoltage Detection Output
(Open Collector Output)
9
GND2
-
Ground Pin
No.3 pin and No.9 pin are internally connected.
10
OVoutB
O
Overvoltage Detection Output
(Open Collector Output)
11
DIAG
I
Self-diagnose Function Control
(Active High)
This pin is internally pulled down by 100k
Ω.
12
OUT1
O
Regulator Output
Connect OUT1/2 on board.
13
OUT2
O
14
NC
-
No Connection Pin
15
IN1
P
Regulator Input
Connect IN1/2 on board.
16
IN2
P
-
Exposed Pad
-
Ground Pin, Heat Dissipation Pad (Note 2)
Note 1. I (Input terminal), O (Output terminal), P (Power terminal)
Note 2. The exposed pad must be connected to the GND.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn