Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL43210A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. ISL43210A
Description  Medium-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43210A Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL43210A Datasheet HTML 1Page - Renesas Technology Corp ISL43210A Datasheet HTML 2Page - Renesas Technology Corp ISL43210A Datasheet HTML 3Page - Renesas Technology Corp ISL43210A Datasheet HTML 4Page - Renesas Technology Corp ISL43210A Datasheet HTML 5Page - Renesas Technology Corp ISL43210A Datasheet HTML 6Page - Renesas Technology Corp ISL43210A Datasheet HTML 7Page - Renesas Technology Corp ISL43210A Datasheet HTML 8Page - Renesas Technology Corp ISL43210A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL43210A
FN7876 Rev 0.00
Page 2 of 12
Jun 24, 2011
Pin Configuration (Note 1)
ISL43210A
(6 LD SOT-23)
TOP VIEW
NOTE:
1. Switch Shown for Logic “0” Input.
4
5
6
1
2
3
IN
V+
GND
NO
NC
COM
Truth Table
LOGIC
ISL43210A
PIN NC
PIN NO
0ON
OFF
1OFF
ON
NOTE: Logic “0” ≤0.8V. Logic “1” ≥2.4V.
Pin Descriptions
PIN
NAME
PIN
NUMBER
FUNCTION
V+
2
System Power Supply Input (+2.7V to +15V)
GND
3
Ground Connection
IN
1
Digital Control Input
COM
5
Analog Switch Common Pin
NO
6
Analog Switch Normally Open Pin
NC
4
Analog Switch Normally Closed Pin
Ordering Information
PART NUMBER
(Notes 2, 3, 4)
PART
MARKING
(Note 5)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL43210AIHZ-T
210A
-40 to +85
6 Ld SOT-23 P6.064
ISL43210AIHZ-T7A
210A
-40 to +85
6 Ld SOT-23 P6.064
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information
page for ISL43210A. For more information on MSL please see
techbrief TB363.
5. The part marking is located on the bottom of the part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn