Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS1M
Description  SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS1M Datasheet HTML 1Page - List of Unclassifed Manufacturers GS1M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Operating and Storage Temperature Range
Maximum Thermal Resistance (NOTE 2)
Typical Junction Capacitance (NOTE 1)
o
at Rated DC Blocking Voltage
TA = 125 C
o
Maximum DC Reverse Current
TA = 25 C
Maximum Instantaneous Forward Voltage at 1.0A
on rated load (JEDEC Method)
8.3ms single half sine-wave superimposed
Peak Forward Surge Current
o
at TL = 100 C
Maximum Average Forward Rectified Current
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
TJ, TSTG
R JA
CJ
IR
VF
IFSM
I(AV)
VDC
VRMS
VRRM
SYMBOL
R JL
GS1A
50
35
50
GS1B
100
70
100
GS1D
200
140
200
GS1G
400
280
400
GS1J
600
420
600
GS1K
800
560
800
GS1M
1000
700
1000
oC
oC/W
pF
A
Volts
Amps
Amps
Volts
Volts
Volts
UNITS
-55 to +150
30
75
12
50
5
1.1
30
1.0
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
2. P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase half wave 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
Case: JEDEC DO-214AC molded plastic
Terminals: Solder plated, solderable per
MIL-STD-202, method 208
Polarity: Color band denotes cathode end
Standard Package: 12mm tape (EIA STD EIA-481)
Weight: 0.002 ounce, 0.064 gram
For surface mount applications
Glass passivated junction
Low profile package
Built-in strain relief
Easy pick and place
Low forward voltage drop
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering:
o
250 C/10 seconds at terminals
GS1A THRU GS1M
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 1.0 AMPERE
Dim
A
B
C
D
E
G
H
J
Min
2.29
4.00
1.25
0.152
4.80
0.051
0.76
2.00
Max
2.92
4.60
1.65
0.305
5.59
0.203
1.52
2.62
SMA / DO-214AC
All Dimensions in mm
D
H
G
J
A
C
B
E
RS


Similar Part No. - GS1M

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
GS1M FS-GS1M Datasheet
241Kb / 2P
   General Purpose Rectifier
logo
Pan Jit International I...
GS1M PANJIT-GS1M Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Taiwan Semiconductor Co...
GS1M TSC-GS1M Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
logo
Microdiode Electronics ...
GS1M CHENDA-GS1M Datasheet
538Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Shanghai Leiditech Elec...
GS1M LEIDITECH-GS1M Datasheet
1Mb / 2P
   1.0 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results

Similar Description - GS1M

ManufacturerPart #DatasheetDescription
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
S1A SURGE-S1A Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
S1A PANJIT-S1A Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1L RECTRON-SA1L Datasheet
317Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001W RECTRON-FM4001W Datasheet
23Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HL101W RECTRON-HL101W Datasheet
260Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com