Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YVS170TS-DPE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # YVS170TS-DPE
Description  SURFACE MOUNT LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YVS170TS-DPE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  YVS170TS-DPE Datasheet HTML 1Page - List of Unclassifed Manufacturers YVS170TS-DPE Datasheet HTML 2Page - List of Unclassifed Manufacturers YVS170TS-DPE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


 


   
  
  
  
 


 



NOTES:
1. Empty component pockets are sealed with top cover tape;
2. Minimum leader length at both ends of the tape is450 mm;

3. The maximum number of missing lamps is two;

4. The cathode is oriented towards the tape sprocket hole in accordance with ANSI/EIA RS-481 specifications.
5. 3000pcs/Reel

Dimensions per ANSI/EIA
Standard RS-481
All dimensions are in
millimeters (inches).
A
180[7.09]
B
60[2.36]
C
13.5[0.53]
W
8.4[0.33]
Thickness of top cover tape
0.1[0.004”] MAX

USER DIRECTION OF FEED

TOP COVER TAPE
TEL: 852-26909605
FAX: 852-26909606



 
E-mail: grandhalo@hutchcity.com

!
Tape AndReel Of GH-S170 Series


  


Similar Part No. - YVS170TS-DPE

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
YVS133TR-DPE YSTONE-YVS133TR-DPE Datasheet
374Kb / 1P
   SURFACE MOUNT LED LAMPS
More results

Similar Description - YVS170TS-DPE

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
61-24UWC A-BRIGHT-61-24UWC Datasheet
345Kb / 6P
   SURFACE MOUNT LED LAMPS
61-23SWC A-BRIGHT-61-23SWC Datasheet
375Kb / 6P
   SURFACE MOUNT LED LAMPS
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4_15 Datasheet
321Kb / 5P
   SURFACE MOUNT LED LAMPS
2006/10/18
61-23UWC A-BRIGHT-61-23UWC Datasheet
399Kb / 6P
   SURFACE MOUNT LED LAMPS
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
625Kb / 8P
   SURFACE MOUNT LED LAMPS
logo
Yellow Stone Corp
GH-S133 YSTONE-GH-S133 Datasheet
374Kb / 1P
   SURFACE MOUNT LED LAMPS
logo
A-BRIGHT Inc
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4 Datasheet
321Kb / 5P
   SURFACE MOUNT LED LAMPS
2006/10/18
61-26UWC A-BRIGHT-61-26UWC Datasheet
341Kb / 6P
   SURFACE MOUNT LED LAMPS
logo
Marktech Corporate
MTSM5100LA-G MARKTECH-MTSM5100LA-G Datasheet
73Kb / 1P
   Surface Mount LED Lamps?
logo
Kingbright Corporation
KM-23 KINGBRIGHT-KM-23 Datasheet
882Kb / 8P
   SURFACE MOUNT LED LAMPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com