Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32450E Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL32450E
Description  짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL32450E Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL32450E Datasheet HTML 14Page - Renesas Technology Corp ISL32450E Datasheet HTML 15Page - Renesas Technology Corp ISL32450E Datasheet HTML 16Page - Renesas Technology Corp ISL32450E Datasheet HTML 17Page - Renesas Technology Corp ISL32450E Datasheet HTML 18Page - Renesas Technology Corp ISL32450E Datasheet HTML 19Page - Renesas Technology Corp ISL32450E Datasheet HTML 20Page - Renesas Technology Corp ISL32450E Datasheet HTML 21Page - Renesas Technology Corp ISL32450E Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E, ISL32458E, ISL32459E
FN7921 Rev.2.00
Page 18 of 23
Aug 31, 2017
FIGURE 30. VCC = 5V, DRIVER AND RECEIVER WAVEFORMS
(ISL32450E, ISL32452E, ISL32457E)
FIGURE 31. VCC = 5V, DRIVER AND RECEIVER WAVEFORMS
(ISL32453E, ISL32455E)
FIGURE 32. VCC = 5V, DRIVER AND RECEIVER WAVEFORMS
(ISL32458E, ISL32459E)
FIGURE 33. LOGIC INPUT HIGH VOLTAGE vs TEMPERATURE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
PROCESS:
Si Gate BiCMOS
Typical Performance Curves T
A = +25°C; unless otherwise specified. (Continued)
TIME (1μs/DIV)
0
5
0
5
DI
RO
-3
-2
-1
0
1
2
3
A/Y - B/Z
RD = 54Ω, CD = 50pF
TIME (400ns/DIV)
0
5
0
5
DI
RO
-3
-2
-1
0
1
2
3
A/Y - B/Z
RD = 54Ω, CD = 50pF
TIME (20ns/DIV)
0
5
0
5
DI
RO
-3
-2
-1
0
1
2
3
A/Y - B/Z
RD = 54Ω, CD = 50pF
TEMPERATURE (°C)
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 85
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VCC = 5V
VCC = 3.3V


Similar Part No. - ISL32450E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32450EIBZ INTERSIL-ISL32450EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32450EIBZ INTERSIL-ISL32450EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32450EIUZ INTERSIL-ISL32450EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

Similar Description - ISL32450E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com