Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE597 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE597
Description  Silicon Rectifier Ultra Fast, 200V, 8A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE597 Datasheet(HTML) 1 Page - NTE Electronics

  NTE597 Datasheet HTML 1Page - NTE Electronics NTE597 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE597
Silicon Rectifier
Ultra Fast, 200V, 8A
Description:
The NTE597 is a silicon rectifier in a 2–Lead TO220 type package designed for use in switching power
supplies, inverters and as free wheeling diodes.
Features:
D Ultrafast 50ns Recovery Time
D 175°C Operating Junction Temperature
D Popular TO220 Package
D Epoxy meets UL94, VO @ 1/8”
D Low Forward Voltage
D Low Leakage Current
D High Temperature Glass Passivated Junction
Absolute Maximum Ratings;
Peak Repetitive Reverse Voltage, VRRM
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Working Peak Reverse Voltage, VRWM
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Blocking Voltage, VR
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Rectified Forward Current (Total Device, VR = 200V, TC = +150°C), IF(AV)
8A
. . . . . . . . . .
Peak Repetitive Forward Current (VR = 200V, Square Wave, 20kHz, TC = +150°C), IFM
16A
. . . . .
Non–Repetitive Peak Surge Current, IFSM
(Surge applied at rated load conditions halfwave, single phase, 60Hz)
100A
. . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case, RthJC
2.0
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Instantaneous Forward Voltage
VF
iF = 8A, TC = +150°C, Note 1
1.0
V
iF = 8A, TC = +25°C, Note 1
1.3
V
Instantaneous Reverse Current
iR
VR = 200V, TC = +150°C, Note 1
500
µA
VR = 200V, TC = +25°C, Note 1
10
µA
Reverse Recovery Time
trr
IF = 1A, di/dt = 50A/µs
60
ns
IF = 0.5A, iR = 1A, IREC = 0.25A
50
ns
Note 1. Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%


Similar Part No. - NTE597

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE59 NTE-NTE59 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
NTE5900 NTE-NTE5900 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
NTE5901 NTE-NTE5901 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
NTE5902 NTE-NTE5902 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
NTE5903 NTE-NTE5903 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
More results

Similar Description - NTE597

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE598 NTE-NTE598 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 600V, 8A
NTE599 NTE-NTE599 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 200V, 15A
logo
Frontier Electronics.
UFF80-005 FRONTIER-UFF80-005 Datasheet
132Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
UFF80-005-LFR FRONTIER-UFF80-005-LFR Datasheet
132Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
logo
Digitron Semiconductors
MURH805CT DIGITRON-MURH805CT Datasheet
299Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
logo
Silicon Supplies
MURC820 SS-MURC820 Datasheet
1Mb / 4P
   200V 8A 25ns Rectifier
Rev 1.0 27/12/22
logo
Frontier Electronics.
UFF80-005CT FRONTIER-UFF80-005CT Datasheet
132Kb / 2P
   8A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF80-005CT-LFR FRONTIER-UFF80-005CT-LFR Datasheet
133Kb / 2P
   8A DUAL ULTRA FAST RECOVERY RECTIFIER
logo
KODENSHI_AUK CORP.
SDB8200PH KODENSHI-SDB8200PH Datasheet
283Kb / 5P
   200V, 8A POWER SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
   4A, 200V - 600V Ultra Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com