Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC913LC4B Datasheet(PDF) 9 Page - Analog Devices

Part # HMC913LC4B
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC913LC4B Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC913LC4B Datasheet HTML 2Page - Analog Devices HMC913LC4B Datasheet HTML 3Page - Analog Devices HMC913LC4B Datasheet HTML 4Page - Analog Devices HMC913LC4B Datasheet HTML 5Page - Analog Devices HMC913LC4B Datasheet HTML 6Page - Analog Devices HMC913LC4B Datasheet HTML 7Page - Analog Devices HMC913LC4B Datasheet HTML 8Page - Analog Devices HMC913LC4B Datasheet HTML 9Page - Analog Devices HMC913LC4B Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
HMC913LC4B
v05.0614
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFIER (SDLVA), 0.6 - 20 GHz
Evaluation PCB
The circuit board used in the application should
use RF circuit design techniques. Signal lines sho-
uld have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 120257 [1]
Item
Description
J1
K-Type Connector
J2
SMA Connector
J3 - J5
DC Pins
C1, C2
33 pF Capacitor, 0201 Pkg.
C3, C4
10k pF Capacitor, 0402 Pkg.
C5
47 pF Capacitor, 0402 Pkg.
C6, C7
4.7 µF Capacitor, CASE A Pkg.
R2, R3, R5
0 Ohm Resistor, 0402 Pkg.
R7
0 Ohm Resistor, 0201 Pkg.
R8
49.9 Ohm Resistor, 0201 Pkg.
U1
HMC913LC4B SDLVA
PCB [2]
120255 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25 FR
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC913LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B Datasheet
425Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
More results

Similar Description - HMC913LC4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC813 AD-HMC813 Datasheet
687Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC913 AD-HMC913 Datasheet
616Kb / 9P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFER (SDLVA)
logo
Hittite Microwave Corpo...
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
HMC613LC4B HITTITE-HMC613LC4B Datasheet
790Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.1 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B Datasheet
425Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913 HITTITE-HMC913_10 Datasheet
873Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com