Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G965 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part No. G965
Description  1.5A Low Dropout Regulator with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GMT [Global Mixed-mode Technology Inc]
Homepage  http://www.gmt.com.tw
Logo 

G965 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 1.5
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G965
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
1.8
1.805
1.81
1.815
1.82
1.825
2.5
3.5
4.5
5.5
6.5
VIN (V)
T=-25°C
T=25°C
T=85°C
1.784
1.789
1.794
1.799
1.804
1.809
1.814
1.819
1.824
-25 -15 -5
5
1525 3545 5565 7585
Temperature (°C)
VIN=3V
VIN=5V
Output Voltage vs. Temperature(G965-18)
Output Voltage vs. VIN(G965-18)
1.48
1.49
1.5
1.51
1.52
1.53
1.54
-25 -15 -5
5
15253545 55 65 75 85
Temperature (°C)
VIN=3V
VIN=5V
IL=10mA
1.48
1.49
1.5
1.51
1.52
1.53
1.54
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
T=-25°C
T=25°C
T=85°C
IL=10mA
Output Voltage vs. VIN(G965-15)
2.475
2.485
2.495
2.505
2.515
2.525
2.535
2.545
-25 -15 -5
5
15 2535 4555 6575 85
Temperature (°C)
VIN=4V
VIN=5V
IL=10mA
Output Voltage vs. Temperature(G965-25)
2.500
2.505
2.510
2.515
2.520
2.525
2.530
2.535
2.540
2.545
34
567
VIN (V)
T=
-25°C
T=25°C
T=85°C
IL=10mA
Output Voltage vs. Temperature(G965-15)
Output Voltage vs. VIN(G965-25)
IL=10mA
IL=10mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn