Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G965 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part No. G965
Description  1.5A Low Dropout Regulator with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GMT [Global Mixed-mode Technology Inc]
Homepage  http://www.gmt.com.tw
Logo 

G965 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 1.5
Apr 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G965
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VEN=VIN, VIN =5V, IO = 0.5A, CIN = 4.7µF, COUT =10µF, TA = TJ = 25°C
Line Transient Response(G965-18)
Load Transient Response(G965-18)
Line Transient(G965-15)
Load Transient(G965-15)
Line Transient Response(G965-25)
Load Transient Response(G965-25)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn