Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSX-2 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part No. GSX-2
Description  High Frequency Miniature SM Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-2 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-2_18 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-2_18 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-2_18 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-2_18 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSX-2 1/4
v1.0
GSX-2
GSX-2
High Frequency Miniature SM Crystal
High Frequency Miniature SM Crystal
Frequencies up to 100MHz
Tight specifications available
Metal lid can be grounded to minimise EMI
Low height for maximum space saving
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Calibration tolerance
±10ppm
1
Temperature stability
±10ppm
1
Operating temperature range
Any
-10 to +60°C
1
-20 to +70°C
2
Circuit condition
16pF
D
Oscillation mode
Any
Fundamental (8.0 ~ 36.0MHz)
F
3rd overtone (28.0 ~ 84.0MHz)
3
5th overtone (84.0 ~ 100MHz)
5


Similar Part No. - GSX-2_18

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
   SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
GSX-211 GOLLEDGE-GSX-211_18 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
More results

Similar Description - GSX-2_18

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
   High Frequency Fundamental Mode Miniature SM Crystal
GSX-530 GOLLEDGE-GSX-530 Datasheet
167Kb / 2P
   SM Crystal - High Frequency
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
   High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
   SM Crystal High Frequency Fundamental
GSX-223 GOLLEDGE-GSX-223_18 Datasheet
580Kb / 5P
   Ultra-miniature SM Crystal
MMD Components
MMD Components
DN MMD-DN_13 Datasheet
158Kb / 2P
   Micro Miniature SM Crystal
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-221 GOLLEDGE-GSX-221_18 Datasheet
597Kb / 5P
   Ultra-miniature SM Crystal
GSX-250 GOLLEDGE-GSX-250 Datasheet
55Kb / 1P
   SM Crystal LOW FREQUENCY
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
   Low Frequency SM Crystal
CC5V-T1A GOLLEDGE-CC5V-T1A Datasheet
553Kb / 4P
   Low Frequency SM Crystal
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz