Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM9V-T1A Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part No. CM9V-T1A
Description  Ultra-Miniature 1610 Package 32.768kHz SM Watch Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CM9V-T1A Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CM9V-T1A Datasheet HTML 1Page - Golledge Electronics Ltd CM9V-T1A Datasheet HTML 2Page - Golledge Electronics Ltd CM9V-T1A Datasheet HTML 3Page - Golledge Electronics Ltd CM9V-T1A Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CM9V-T1A 1/4
v1.0
CM9V-T1A
CM9V-T1A
Ultra-Miniature 1610 Package
Ultra-Miniature 1610 Package
32.768kHz SM Watch Crystal
32.768kHz SM Watch Crystal
Ultra low profile - 0.5mm
Miniature ceramic package with metal lid
High shock & vibration resistance
Low power consumption
Option Code
CONFIGURABLE OPTIONS
Parameter
Calibration tolerance
±20ppm
±100ppm
Operating temperature range
Any
-40 to +85°C
-40 to +125°C
E
-55 to +125°C
M
Circuit condition
Any
4pF
6pF
7pF
9pF
12.5pF


Similar Part No. - CM9V-T1A

ManufacturerPart No.DatasheetDescription
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
CM9V-T1A MICROCRYSTAL-CM9V-T1A Datasheet
217Kb / 5P
   Crystal Documentation
CM9V-T1A MICROCRYSTAL-CM9V-T1A Datasheet
286Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM9V-T1A0.3 MICROCRYSTAL-CM9V-T1A0.3 Datasheet
809Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM9V-T1A MICROCRYSTAL-CM9V-T1A_16 Datasheet
286Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results

Similar Description - CM9V-T1A

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GWX-1610 GOLLEDGE-GWX-1610 Datasheet
565Kb / 4P
   1610 Package 32.768kHz Watch Crystal
CM8V-T1A GOLLEDGE-CM8V-T1A Datasheet
560Kb / 4P
   Ultra-Miniature 2012 Package 32.768kHz SM Watch Crystal
GSX-315 GOLLEDGE-GSX-315_18 Datasheet
593Kb / 5P
   Miniature SM 32.768kHz Watch Crystal
CM8V03-T1A GOLLEDGE-CM8V03-T1A Datasheet
558Kb / 4P
   Ultra-Miniature Low Profile 32.768kHz SM Watch Crystal
CM7V-T1A GOLLEDGE-CM7V-T1A Datasheet
558Kb / 4P
   SM 32.768kHz Watch Crystal with Military Temperature Range
CC7V-T1A GOLLEDGE-CC7V-T1A Datasheet
552Kb / 4P
   SM 32.768Khz Watch Crystal with Military Temperature Range
List of Unclassifed Manufacturers
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
   32.768kHz SMD Watch Crystal
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
   32.768kHz CM200C Watch Crystal
Caliber Electronics Inc.
Caliber Electronics Inc...
AWS100S CALIBER-AWS100S Datasheet
47Kb / 1P
   32.768kHz SMD Watch Crystal
List of Unclassifed Manufacturers
List of Unclassifed Man...
AWS145 ETC2-AWS145 Datasheet
30Kb / 1P
   32.768kHz SMD Watch Crystal
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz