Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM8V03-T1A Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part No. CM8V03-T1A
Description  Ultra-Miniature Low Profile 32.768kHz SM Watch Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CM8V03-T1A Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  CM8V03-T1A Datasheet HTML 1Page - Golledge Electronics Ltd CM8V03-T1A Datasheet HTML 2Page - Golledge Electronics Ltd CM8V03-T1A Datasheet HTML 3Page - Golledge Electronics Ltd CM8V03-T1A Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CM8V03-T1A 2/4
v1.1
Frequency
32.768kHz
Dimensions
2.0 x 1.2 x 0.35mm
Storage temperature
range
-55 to +125°C
Static capacitance (C )
1.2pF typ
Motional capacitance
(C )
4.7fF typ
Equivalent series
resistance
90kΩ max
Ageing
±3ppm max first year
Drive level
0.5µW max
Turnover temperature
(T )
+25°C ±5°C
Frequency / temp
coefficient
-0.035ppm/°C typ
Shock resistance
±5ppm, 5,000g, 0.3ms, ½ sine
Vibration resistance
±5ppm, 20g, 10.0 ~ 2,000Hz
Terminations
Gold plated pads
Soldering condition
Reflow, 260°C, 20-40 seconds
To request a quotation for the CM8V03-T1A please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
A:178 B:8 C:2.2 D:1.4 E:4 F:0.6 G:61.5 H:21
Larger reel size available. Please ask for details
SPECIFICATIONS
0
1
0
2
PACKAGE DRAWING
ORDERING INFORMATION
TAPE & REEL SPECIFICATION
*
*


Similar Part No. - CM8V03-T1A

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
CM8V GOLLEDGE-CM8V Datasheet
128Kb / 1P
   SM Watch Crystal
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
CM8V-T1A MICROCRYSTAL-CM8V-T1A Datasheet
96Kb / 2P
   Tuning Fork Crystal 32.768 kHz
Golledge Electronics Ltd
Golledge Electronics Lt...
CM8V-T1A GOLLEDGE-CM8V-T1A Datasheet
128Kb / 1P
   SM Watch Crystal
MICORO CRYSTAL SWITZERLAND
MICORO CRYSTAL SWITZERL...
CM8V-T1A MICROCRYSTAL-CM8V-T1A Datasheet
293Kb / 2P
   Tuning Fork Crystal 32.768 kHz
Golledge Electronics Ltd
Golledge Electronics Lt...
CM8V-T1A GOLLEDGE-CM8V-T1A Datasheet
560Kb / 4P
   Ultra-Miniature 2012 Package 32.768kHz SM Watch Crystal
More results

Similar Description - CM8V03-T1A

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-315 GOLLEDGE-GSX-315_18 Datasheet
593Kb / 5P
   Miniature SM 32.768kHz Watch Crystal
CM9V-T1A GOLLEDGE-CM9V-T1A Datasheet
538Kb / 4P
   Ultra-Miniature 1610 Package 32.768kHz SM Watch Crystal
CM8V-T1A GOLLEDGE-CM8V-T1A Datasheet
560Kb / 4P
   Ultra-Miniature 2012 Package 32.768kHz SM Watch Crystal
CM7V03-T1A GOLLEDGE-CM7V03-T1A Datasheet
557Kb / 5P
   Low Profile SM 32.768Khz Watch Crystal with Military Temperature Range
Abracon Corporation
Abracon Corporation
ABS13 ABRACON-ABS13_15 Datasheet
1Mb / 2P
   32.768kHz SM D LOW PROFILE CRYSTAL
12.18.12
Golledge Electronics Ltd
Golledge Electronics Lt...
CM7V-T1A GOLLEDGE-CM7V-T1A Datasheet
558Kb / 4P
   SM 32.768kHz Watch Crystal with Military Temperature Range
CC7V-T1A GOLLEDGE-CC7V-T1A Datasheet
552Kb / 4P
   SM 32.768Khz Watch Crystal with Military Temperature Range
List of Unclassifed Manufacturers
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
   32.768kHz SMD Watch Crystal
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
   32.768kHz CM200C Watch Crystal
Caliber Electronics Inc.
Caliber Electronics Inc...
AWS100S CALIBER-AWS100S Datasheet
47Kb / 1P
   32.768kHz SMD Watch Crystal
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz