Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 3 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPAB30BH60B Datasheet(HTML) 3 Page - ON Semiconductor

  FPAB30BH60B Datasheet HTML 1Page - ON Semiconductor FPAB30BH60B Datasheet HTML 2Page - ON Semiconductor FPAB30BH60B Datasheet HTML 3Page - ON Semiconductor FPAB30BH60B Datasheet HTML 4Page - ON Semiconductor FPAB30BH60B Datasheet HTML 5Page - ON Semiconductor FPAB30BH60B Datasheet HTML 6Page - ON Semiconductor FPAB30BH60B Datasheet HTML 7Page - ON Semiconductor FPAB30BH60B Datasheet HTML 8Page - ON Semiconductor FPAB30BH60B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Integrated Power Functions
PFC converter for single-phase AC / DC power conversion (please refer to Figure 3)
Integrated Drive, Protection, and System Control Functions
For IGBTs: gate drive circuit, Over-Current Protection (OCP), control supply circuit Under-Voltage Lock-Out (UVLO) Protection
Fault signal: correspondingto OC and UV fault
Built-in thermistor: temperature monitoring
Input interface: active-HIGH interface, works with 3.3 / 5 V logic, Schmitt-trigger input
Pin Configuration
Figure 2. Top View
Notes :
1. For the measurement point of case temperature(TC), please refer to Figure 2.
12.205
(1)VCC
(2)COM
(3)COM
(4)COM
(5)IN
(6)VFO
(7)CFOD
(8)CSC
(9)RTH
(10)VTH
(11)N.C
(12)N.C
(13)N
(14)N
(15)N
(16)N
(17)NR
(18)NR
(19)NR
(20)NR
(21)P
(22)P
(23)N.C
(24)L
(25)PR
(26)R
(27)S
DBC Substrate
Case Temperature (TC)
Detecting Point
Top View
12.205
(1)VCC
(2)COM
(3)COM
(4)COM
(5)IN
(6)VFO
(7)CFOD
(8)CSC
(9)RTH
(10)VTH
(11)N.C
(12)N.C
(13)N
(14)N
(15)N
(16)N
(17)NR
(18)NR
(19)NR
(20)NR
(21)P
(22)P
(23)N.C
(24)L
(25)PR
(26)R
(27)S
DBC Substrate
Case Temperature (TC)
Detecting Point
Top View


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn