Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 2 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FPAB30BH60B Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPAB30BH60B Rev. C4
December 2013
FPAB30BH60B
PFC SPM® 3 Series for Single-Phase Boost PFC
Features
UL Certified No. E209204 (UL1557)
600 V - 30 A Single-Phase Boost PFC with Integral
Gate Driver and Protection
Very Low Thermal Resistance Using Al2O3 DBC
Substrate
Full-Wave Bridge Rectifier and High-Performance
Output Diode
Built-in NTC Thermistor for Temperature Monitoring
Optimized for 20kHz Switching Frequency
Isolation Rating: 2500 Vrms/min.
Applications
Single-Phase Boost PFC Converter
Related Source
AN-9090 - PFC SPM 3 Series User’s Guide
AN-9091 - Boost PFC Inductor Design Guide
General Description
The FPAB30BH60B is an advanced PFC SPM® 3
module providing a fully-featured, high-performance
Boost PFC (Power Factor Correction) input power stage
for consumer, medical, and industrial applications.
These single-phase modules integrate optimized gate
drive of the built-in IGBT to minimize EMI and losses,
while
also
providing multiple on-module
protection
features including under-voltage lockout, over-current
shutdown, thermal monitoring, and fault reporting. These
modules also feature a full-wave rectifier, and high-
performance output diode for additional space savings
and mounting convenience.
Figure 1. Package Overview
Package Marking & Ordering Information
Device
Device Marking
Package
Packing Type
Quantity
FPAB30BH60B
FPAB30BH60B
SPMIC-027
Rail
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn