Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 9 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPAB30BH60B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FPAB30BH60B Datasheet HTML 5Page - ON Semiconductor FPAB30BH60B Datasheet HTML 6Page - ON Semiconductor FPAB30BH60B Datasheet HTML 7Page - ON Semiconductor FPAB30BH60B Datasheet HTML 8Page - ON Semiconductor FPAB30BH60B Datasheet HTML 9Page - ON Semiconductor FPAB30BH60B Datasheet HTML 10Page - ON Semiconductor FPAB30BH60B Datasheet HTML 11Page - ON Semiconductor FPAB30BH60B Datasheet HTML 12Page - ON Semiconductor FPAB30BH60B Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Time Charts of Protective Function
P1 : Normal operation: IGBT ON and conducting current.
P2 : Under-voltage detection.
P3 : IGBT gate interrupt.
P4 : Fault signal generation.
P5 : Under-voltage reset.
P6 : Normal operation: IGBT ON and conducting current.
Figure 7. Under-Voltage Protection
P1 : Normal operation: IGBT ON and conducting current.
P2 : Over current detection.
P3 : IGBT gate interrupt / fault signal generation.
P4 : IGBT is slowly turned off.
P5 : IGBT OFF signal.
P6 : IGBT ON signa: but IGBT cannot be turned on during the fault output activation.
P7 : IGBT OFF state.
P8 : Fault output reset and normal operation start.
Figure 8. Over-Current Protection
Inte rn al IG B T
G a te -E m itter V oltag e
Inp ut S ign al
O u tpu t C urren t
F a ult O utp ut S ign al
C o ntrol S u pp ly V oltag e
P1
P2
P3
P4
P6
P5
UV
de te ct
UV
re se t
In te r n a l IG B T
G a te - E m itte r V o lta g e
Input S ignal
O utput C ur r ent
S ens ing V oltag e
F ault O utput S ignal
P1
P2
P3
P4
P6
P5
P7
P8
O C R e fe r e n c e
V o lt ag e ( 0. 5 V )
R C F ilt e r D e la y
O C D e te c tio n


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn