Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 8 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FPAB30BH60B Datasheet(HTML) 8 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Recommended Operating Condition
Mechanical Characteristics and Ratings
Figure 6. Flatness Measurement Position
Symbol
Item
ConditionMin.
Typ. Max.
Unit
Vi
Input Supply Voltage
Applied between R - S
187
220
253
Vrms
VPN
Output Voltage
Applied between P - N
-
380
400
V
VCC
Control Supply Voltage
Applied between VCC(L) - COM
13.5
15.0
16.5
V
dVCC/dt
Control Supply Variation
-1
-
1
V/
s
fPWM
PWM Input Frequency
TJ 150°C
-
20
-
kHz
Ii
Allowable Input Current
TC < 90°C, Vi = 220 V, VPN = 380 V
VPWM = 20 kHz
--
30
Apeak
Item
Condition
Min.
Typ.
Max.
Unit
Mounting Torque
Mounting Screw: M3
Recommended 0.62 N• m
0.51
0.62
0.72
N• m
Device Flatness
See Figure 6
0
-
+120
m
Weight
-
15.00
-
g
(+)
(+)
(+)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn