Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 7 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FPAB30BH60B Datasheet(HTML) 7 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Control Part
Notes:
3. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation: CFOD = 18.3 x 10
-6 x t
FOD [F].
4. TTH is the temperature of know case temperature(TC), please make the experiment considering your application.
Figure 5. R-T Curve of the Built-In Thermistor
Symbol
Item
Condition
Min. Typ. Max. Unit
IQCCL
Quiescent VCC Supply Current
VCC = 15 V, IN = 0 V VCC - COM
-
-
26
mA
VFOH
Fault Output Voltage
VSC = 0 V, VFO Circuit: 4.7 k to 5 V Pull-up
4.5
-
-
V
VFOL
VSC = 1 V, VFO Circuit: 4.7 k to 5 V Pull-up
-
-
0.8
V
VSC(ref)
Over-Current Trip Level
VCC = 15 V
0.45
0.50
0.55
V
UVCCD
Supply Circuit Under-Voltage
Protection
Detection Level
10.7
11.9
13.0
V
UVCCR
Reset Level
11.2
12.4
13.2
V
tFOD
Fault-Out Pulse Width
CFOD = 33 nF (Note 3)
1.4
1.8
2.0
ms
VIN(ON)
ON Threshold Voltage
Applied between IN - COM
2.8
-
-
V
VIN(OFF)
OFF Threshold Voltage
-
-
0.8
V
RTH
Resistance of Thermistor
at TTH = 25°C (Note 4, Figure 5)
-
47.0
-
k
at TTH = 100°C (Note 4, Figure 5)
-
2.9
-
k
0
25
50
75
100
125
0
50
100
150
200
MIN
TYP
MAX
R-T Curve
Temperature T
TH[]
95
100
105
110
115
120
125
1
2
3
4
MIN
TYP
MAX
Temperature T
TH[]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn