Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 6 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPAB30BH60B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FPAB30BH60B Datasheet HTML 2Page - ON Semiconductor FPAB30BH60B Datasheet HTML 3Page - ON Semiconductor FPAB30BH60B Datasheet HTML 4Page - ON Semiconductor FPAB30BH60B Datasheet HTML 5Page - ON Semiconductor FPAB30BH60B Datasheet HTML 6Page - ON Semiconductor FPAB30BH60B Datasheet HTML 7Page - ON Semiconductor FPAB30BH60B Datasheet HTML 8Page - ON Semiconductor FPAB30BH60B Datasheet HTML 9Page - ON Semiconductor FPAB30BH60B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Electrical Characteristics (T
J = 25°C, unless otherwise specified.)
Converter Part
Notes:
2. tON and tOFF include the propagation delay of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally. For
the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Item
Condition
Min.
Typ.
Max.
Unit
VCE(SAT)
IGBT Saturation Voltage
VCC = 15 V, VIN = 5 V, IC = 30 A
-
2.2
2.8
V
VFF
FRD Forward Voltage
IF = 30 A
-
1.9
2.6
V
VFR
Rectifier Forward Voltage
IF = 30 A
-
1.2
1.5
V
tON
Switching Times
VPN = 400 V, VCC = 15V, IC = 30 A
VIN = 0 V  5 V, Inductive Load
(Note 2)
-
500
-
ns
tC(ON)
-
200
-
ns
tOFF
-
420
-
ns
tC(OFF)
-
100
-
ns
trr
-60
-
ns
Irr
-7
-
A
ICES
Collector - Emitter
Leakage Current
VCE = VCES
-
-
250
A
t
ON
t
C(ON)
t
rr
I
rr
10%of I
C
100%of I
C
90%of I
C
120%of I
C
15%of V
CE
(a) Turn-on
t
OFF
t
C(OFF)
(b) Turn-off
I
C
V
CE
V
CE
I
C
V
IN
V
IN
15%of V
CE
10%of I
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn