Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPAB30BH60B Datasheet(HTML) 5 Page - ON Semiconductor

  FPAB30BH60B Datasheet HTML 1Page - ON Semiconductor FPAB30BH60B Datasheet HTML 2Page - ON Semiconductor FPAB30BH60B Datasheet HTML 3Page - ON Semiconductor FPAB30BH60B Datasheet HTML 4Page - ON Semiconductor FPAB30BH60B Datasheet HTML 5Page - ON Semiconductor FPAB30BH60B Datasheet HTML 6Page - ON Semiconductor FPAB30BH60B Datasheet HTML 7Page - ON Semiconductor FPAB30BH60B Datasheet HTML 8Page - ON Semiconductor FPAB30BH60B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Absolute Maximum Ratings (T
J = 25°C, unless otherwise specified.)
Converter Part
Control Part
Total System
Thermal Resistance
Symbol
Item
Condition
Rating
Unit
Vi
Supply Voltage
Applied between R - S
264
Vrms
Vi(Surge)
Supply Voltage (Surge)
Applied between R - S
500
V
VPN
Output Voltage
Applied between P - N
450
V
VPN(Surge)
Output Voltage (Surge)
Applied between P - N
500
V
VCES
Collector - Emitter Voltage
600
V
IC
Each IGBT Collector Current
TC = 25°C, TJ < 150°C
30
A
ICP
Each IGBT Collector Current (Peak)
TC = 25°C, TJ < 150°C, Under 1ms Pulse Width
60
A
PC
Collector Dissipation
TC = 25°C
104
W
VRRM
Repititive Peak Reverse Voltage
600
V
IFSM
Peak Forward Surge Current
Single Half Sine-Wave
350
A
TJ
Operating Junction Temperature
-40 ~ 150
°C
Symbol
Item
Condition
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC - COM
20
V
VIN
Input Signal Voltage
Applied between IN - COM
-0.3 ~ VCC+0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3 ~ VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current Sensing Input Voltage
Applied between CSC - COM
-0.3 ~ VCC+0.3
V
Symbol
Item
Condition
Rating
Unit
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, AC 1 Minute, Connect Pins
to Heat Sink Plate
2500
Vrms
Symbol
Item
Condition
Min.
Typ.
Max.
Unit
R(j-c)Q
Junction to Case Thermal Resistance
IGBT
-
-
1.2
°C/W
R(j-c)F
FRD
-
-
1.4
°C/W
R(j-c)R
Rectifier (per 1 / 4 module)
-
-
1.7
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn