Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAB30BH60B Datasheet(PDF) 4 Page - ON Semiconductor

Part No. FPAB30BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPAB30BH60B Datasheet(HTML) 4 Page - ON Semiconductor

  FPAB30BH60B Datasheet HTML 1Page - ON Semiconductor FPAB30BH60B Datasheet HTML 2Page - ON Semiconductor FPAB30BH60B Datasheet HTML 3Page - ON Semiconductor FPAB30BH60B Datasheet HTML 4Page - ON Semiconductor FPAB30BH60B Datasheet HTML 5Page - ON Semiconductor FPAB30BH60B Datasheet HTML 6Page - ON Semiconductor FPAB30BH60B Datasheet HTML 7Page - ON Semiconductor FPAB30BH60B Datasheet HTML 8Page - ON Semiconductor FPAB30BH60B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FPAB30BH60B Rev. C4
Pin Descriptions
* 11th and 12th pins are cut. Please refer to package outline drawings for more detail.
Internal Equivalent Circuit and Input/Output Pins
Figure 3. Internal Block Diagram
Pin Number
Pin Name
Pin Description
1VCC
Common Bias Voltage for IC and IGBT Driving
2,3,4
COM
Common Supply Ground
5
IN
Signal Input for IGBT
6VFO
Fault Output
7CFOD
Capacitor for Fault Output Duration Selection
8CSC
Capacitor (Low-Pass Filter) for Over-Current Detection
9R(TH)
Series Resistor for The Use of Thermistor
10
V(TH)
Thermistor Bias Voltage
11,12
N.C
No Connection*
13~16
N
IGBT Emitter
17~20
NR
Negative DC-Link of Rectifier
21,22
P
Positive Rail of DC-Link
23
N.C
No Connection
24
L
Reactor Connection Pin
25
PR
Positive DC-Link of Rectifier
26
R
AC Input for R-Phase
27
S
AC Input for S-Phase
CSC
CFOD
VFO
IN
COM
VCC
OUT
(21,22) P
(24) L
(25) PR
NTC
Thermistor
(26) R
(27) S
(5) IN
(2~4) COM
(1) VCC
(6) VFO
(7) CFOD
(8) CSC
(10) VTH
(9) RTH
(13~16) N
(17~20) NR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn