Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPAB20BH60B Datasheet(PDF) 4 Page - ON Semiconductor

Part # FPAB20BH60B
Description  PFC SPM 3 Series for Single-Phase Boost PFC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPAB20BH60B Datasheet(HTML) 4 Page - ON Semiconductor

  FPAB20BH60B Datasheet HTML 1Page - ON Semiconductor FPAB20BH60B Datasheet HTML 2Page - ON Semiconductor FPAB20BH60B Datasheet HTML 3Page - ON Semiconductor FPAB20BH60B Datasheet HTML 4Page - ON Semiconductor FPAB20BH60B Datasheet HTML 5Page - ON Semiconductor FPAB20BH60B Datasheet HTML 6Page - ON Semiconductor FPAB20BH60B Datasheet HTML 7Page - ON Semiconductor FPAB20BH60B Datasheet HTML 8Page - ON Semiconductor FPAB20BH60B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2010 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FPAB20BH60B Rev. C4
Pin Descriptions
* 11th and 12th pins are cut. Please refer to package outline drawings for more detail.
Internal Equivalent Circuit and Input/Output Pins
Figure 3. Internal Block Diagram
Pin Number
Pin Name
Pin Description
1VCC
Common Bias Voltage for IC and IGBT Driving
2,3,4
COM
Common Supply Ground
5
IN
Signal Input for IGBT
6VFO
Fault Output
7CFOD
Capacitor for Fault Output Duration Selection
8CSC
Capacitor (Low-Pass Filter) for Over-Current Detection
9R(TH)
Series Resistor for The Use of Thermistor
10
V(TH)
Thermistor Bias Voltage
11,12
N.C
No Connection*
13~16
N
IGBT Emitter
17~20
NR
Negative DC-Link of Rectifier
21,22
P
Positive Rail of DC-Link
23
N.C
No Connection
24
L
Reactor Connection Pin
25
PR
Positive DC-Link of Rectifier
26
R
AC Input for R-Phase
27
S
AC Input for S-Phase
CSC
CFOD
VFO
IN
COM
VCC
OUT
(21,22) P
(24) L
(25) PR
NTC
Thermistor
(26) R
(27) S
(5) IN
(2~4) COM
(1) VCC
(6) VFO
(7) CFOD
(8) CSC
(10) VTH
(9) RTH
(13~16) N
(17~20) NR


Similar Part No. - FPAB20BH60B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPAB20BH60B FAIRCHILD-FPAB20BH60B Datasheet
545Kb / 12P
   Smart Power Module(SPM짰) for Front-End Rectifier
More results

Similar Description - FPAB20BH60B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPAB30BH60B ONSEMI-FPAB30BH60B Datasheet
591Kb / 13P
   PFC SPM 3 Series for Single-Phase Boost PFC
December 2013 Rev. C4
FBA42060 ONSEMI-FBA42060 Datasheet
665Kb / 14P
   PFC SPM 45 Series for Single-Phase Boost PFC
March 2014 Rev. C5
logo
Fairchild Semiconductor
FBA42060 FAIRCHILD-FBA42060 Datasheet
678Kb / 12P
   PFC SPM 45 Series for Single-Phase Boost PFC
logo
ON Semiconductor
FPDB60PH60B ONSEMI-FPDB60PH60B Datasheet
575Kb / 13P
   PFC SPM 3 Series for 2-Phase Bridgeless PFC
December 2013 Rev. C3
FPDB40PH60B ONSEMI-FPDB40PH60B Datasheet
575Kb / 13P
   PFC SPM 3 Series for 2-Phase Bridgeless PFC
December 2013 Rev. C3
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com