Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR203G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FR203G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FR203G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FR203G Datasheet HTML 1Page - List of Unclassifed Manufacturers FR203G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FR201G THRU FR207G
CURRENT
2.0 Ampere
FEATURES
DO-15
Fast switching speed for high efficiency
Glass passivated chip junction
Low reverse leakage
High forward surge current capacity
High temperature soldering guaranteed:
260 /10 seconds, 0.375” (9.5mm) lead length
MECHANICAL DATA
Case: transfer molded plastic
Epoxy: UL94V – 0 rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E
method 208C
Mounting position: any
Weight: 0.014 ounce, 0.39 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
FR
201G
FR
202G
FR
203G
FR
204G
FR
205G
FR
206G
FR
207G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current,
0.375” (9.5mm) lead length At TC = 55OC
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage @ 2.0A
VF
1.3
Volts
5.0
Maximum DC Reverse Current at Rated
TA = 25 OC
DC Blocking Voltage per element
TA = 125 OC
IR
500
µA
Maximum Reverse Recovery Time
Test conditions IF = 0.5A, IR = 1.0A, IRR = 0.25A
trr
150
250
500
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
20
pF
Typical Thermal Resistance (Note 1)
RθJA
40
OC/W
Operating Junction Temperature Range
TJ
(-65 to +175)
OC
Storage Temperature Range
TSTG
(-65 to +175)
OC
Notes:
1.
Thermal resistance from junction to ambient with 0.375” (9.5mm) lead length, PCB mounted
Sep-03, Rev A
Micro Electronic Instrument Inc.


Similar Part No. - FR203G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR203G FORMOSA-FR203G Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
Rectron Semiconductor
FR203G RECTRON-FR203G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
FR203G BILIN-FR203G Datasheet
76Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Sangdest Microelectroni...
FR203G SMC-FR203G Datasheet
177Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
FR203G ZSELEC-FR203G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - FR203G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
   Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G MIC-FR101G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR151G ETC2-FR151G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com