Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5915 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5915
Description  Silicon Power Rectifier Diode, 20 Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5915 Datasheet(HTML) 1 Page - NTE Electronics

  NTE5915 Datasheet HTML 1Page - NTE Electronics NTE5915 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE5844 & NTE5845,
NTE5912 thru NTE5933
Silicon Power Rectifier Diode, 20 Amp
Description and Features:
The NTE5844, NTE5845, and NTE5912 through NTE5933 are low power general purpose rectifier
diodes in a DO4 type package designed for battery chargers, converters, power supplies, and ma-
chine tool controls.
Features:
D High Surge Current Capability
D High Voltage Available
D Designed for a Wide Range of Applications
D Available in Anode–to–Case or Cathode–to–Case Style
Ratings and Characteristics:
Average Forward Current (TC = +140°C Max), IF(AV)
20A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Forward Surge Current (60Hz), IFSM
400A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fusing Current (60Hz), I2t
493A2s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fusing Current, I2
pt
7640A2
ps
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Reverse Recovery Voltage Range, VRRM
50 to 1200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Ratings: (TJ = +175°C)
NTE Type Number
VRRM–Max
VRSM–Max
VR–Max.
VR(SR)
IRM–Max
Cathode
to Case
Anode
to Case
Repetitive Peak
Reverse Volt.
(V)
Non–Repetitive Peak
Reverse Voltage
(V)
Direct Reverse
Voltage
(V)
Minimum Avalanche
Voltage
(V)
Reverse Current
Rated VRRM
(mA)
5912
5913
50
75
50
12
5914
5915
100
150
100
12
5916
5917
200
275
200
12
5918
5919
300
385
300
12
5920
5921
400
500
400
500
12
5922
5923
500
613
50
613
12
5924
5925
600
725
600
725
12
5928
5929
800
950
800
950
12
5932
5933
1000
1200
1000
1200
12
5844
5845
1200
1400
1200
1350
12


Similar Part No. - NTE5915

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5910 NTE-NTE5910 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
NTE5911 NTE-NTE5911 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
More results

Similar Description - NTE5915

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
NTE5826 NTE-NTE5826 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 50 Amp
NTE6354 NTE-NTE6354 Datasheet
25Kb / 3P
   Silicon Power Rectifier Diode, 300 Amp
NTE5810 NTE-NTE5810 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com