Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12023 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL12023
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12023 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL12023 Datasheet HTML 3Page - Renesas Technology Corp ISL12023 Datasheet HTML 4Page - Renesas Technology Corp ISL12023 Datasheet HTML 5Page - Renesas Technology Corp ISL12023 Datasheet HTML 6Page - Renesas Technology Corp ISL12023 Datasheet HTML 7Page - Renesas Technology Corp ISL12023 Datasheet HTML 8Page - Renesas Technology Corp ISL12023 Datasheet HTML 9Page - Renesas Technology Corp ISL12023 Datasheet HTML 10Page - Renesas Technology Corp ISL12023 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISL12023
FN6682 Rev 3.00
Page 7 of 29
December 6, 2011
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 2. IBAT vs VBAT
FIGURE 3. IBAT vs TEMPERATURE
FIGURE 4. IDD1 vs TEMPERATURE
FIGURE 5. IDD1 vs VDD
FIGURE 6. FOUT vs IDD
FIGURE 7. IDD vs TEMPERATURE, 3 DIFFERENT FOUT
800
850
900
950
1000
1050
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
2040
6080
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V
2
3
4
5
6
-40
-20
0
204060
80
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.3V
VBAT = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.73.2
3.74.2
4.75.2
VDD (V)
2
3
4
5
6
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY OUTPUT (Hz)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-20
0
20
406080
TEMPERATURE (°C)
FOUT = 32kHz
FOUT = 1Hz and 64Hz


Similar Part No. - ISL12023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12023 INTERSIL-ISL12023 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12023 INTERSIL-ISL12023 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12023IVZ INTERSIL-ISL12023IVZ Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

Similar Description - ISL12023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com