Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3150EIBZ-T7A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL3150EIBZ-T7A
Description  Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3150EIBZ-T7A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL3150EIBZ-T7A Datasheet HTML 18Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 19Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 20Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 21Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 22Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 23Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 24Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 25Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
FN6363 Rev.4.00
Page 22 of 34
Apr 19, 2018
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E
6. Application Information
accommodate the design of half- and full-duplex systems. Figure 37 shows the cross section and cable
parameters of a typical UTP cable.
Figure 37. Single Pair STP Cable for RS-485 Applications
6.1.2
Cable Length vs Data Rate
RS-485 and RS-422 are intended for network lengths up to 4000ft, but the maximum system data rate decreases
as the transmission length increases. Devices operating at 20Mbps are limited to lengths less than 100ft, while
the 115kbps versions can operate at full data rates with lengths of several 1000ft. Note that ISL315xE
transceivers can cover almost twice the distance of standard compliant RS-485 transceivers.
Figure 38. Data Rate vs Cable Length Guidelines in Feet and Meters
6.1.3
Topologies and Stub Lengths
RS-485 recommends its nodes to be networked in daisy-chain or backbone topology. In these topologies the
participating drivers, receivers, and transceivers connect to a main cable trunk through “short” stubs. A stub
being the actual electrical link between transceiver and cable trunk.
22 AWG
Tinned Copper
Foam High Density
Polyethylene
Aluminum Foil
Polyester Tape
Tinned Copper
Braid
22 AWG
Tinned Copper
Drain Wire
PVC Jacket
Cable:
Type:
Impedance:
DC Resistance:
Capacitance:
Velocity:
Belden 3105A
1-pair, 22AWG PLCT/CM
120Ω
14.7mΩ/ft
11pF/ft
78% (1.3ns/ft)
10000
1000
100
10
10k 100k
1M
10M
100M
Data Rate (bps)
Standard RS-485
Transceivers
ISL315xE
Transceivers
10000
1000
100
10
10k 100k
1M
10M
100M
Data Rate (bps)
Standard RS-485
Transceivers
ISL315xE
Transceivers


Similar Part No. - ISL3150EIBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
More results

Similar Description - ISL3150EIBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com