Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3150EIBZ-T7A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL3150EIBZ-T7A
Description  Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3150EIBZ-T7A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL3150EIBZ-T7A Datasheet HTML 17Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 18Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 19Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 20Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 21Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 22Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 23Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 24Page - Renesas Technology Corp ISL3150EIBZ-T7A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FN6363 Rev.4.00
Page 21 of 34
Apr 19, 2018
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E
6. Application Information
6.
Application Information
6.1
Network Design
Designing a reliable RS-485 network requires the consideration of a variety of factors that ultimately determine the
network performance. These include network topology, cable type, data rate and/or cable length, stub length,
distance between network nodes, and line termination.
The main difference between network designs is dictated by their modes of data exchange between bus nodes,
which can be half-duplex or full-duplex (Figures 35 and 36).
Half-duplex networks use only a single signal-pair of cables between one master node and multiple slave nodes,
which allows the nodes to either transmit or receive data, but never both at the same time. Its reduced cabling effort
makes these networks well suited for covering long distances of up to several thousands of feet. To maintain high
signal integrity, the applied data rates range from as low as 9.6kbps up to 115kbps. This requires transceivers with
long driver output transition times, typically in the range of microseconds, to ensure low EMI in the presence of
large cable inductances.
To prevent signal reflections of the bus lines, each cable end must be terminated with a resistor, RT, whose value
should match the characteristic cable impedance, Z0.
Full-duplex networks, on the other hand, aim for high data throughput. These networks use two signal-pairs to
support the simultaneous transmitting and receiving of data. The signal pair denoted as the transmit path connects
the driver output of the master node to the receiver inputs of multiple slave nodes. The other pair connects the
driver outputs of the slave nodes with the receiver input of the master node.
Because the data flow in the transmit path is unidirectional, the transmit path requires only one termination at the
remote cable end, opposite the master node. Data flow in the receive path, however, is bidirectional, thus requiring
line termination at both cable ends. Commonly, high data throughput also calls for higher data rates in the 1Mbps to
10Mbps range. As cable losses increase with frequency, most full-duplex networks are limited to shorter bus cable
lengths of a few hundred feet to maintain signal integrity.
The following sections discuss the aforementioned parameters that impact network performance. This discussion
applies to both half-and full-duplex network designs.
6.1.1
Cable Type
RS-485 networks use differential signaling over Unshielded Twisted Pair (UTP) cable. The conductors of a
twisted pair are equally exposed to external noise. They pick up noise and other electromagnetically induced
voltages as common-mode signals, which are effectively rejected by the differential receivers.
For best performance use industrial RS-485 cables, which are of the sheathed, shielded, twisted pair type,
(STP), with a characteristic impedance of 120Ω and conductor sizes of 22 to 24 AWG (equivalent to diameters
of 0.65mm and 0.51mm, respectively). They are available in single, two, and four signal-pair versions to
Figure 35. Half-Duplex Bus
Figure 36. Full-Duplex Bus
A/Y
B/Z
R
D
A/Y
B/Z
RO
DE
DI
R
D
RE
RT
RT
RO
DE
DI
R
D
RE
A/Y
B/Z
RO
DE DI
RE
A
B
RO
DE
DI
RE
R
D
RT
Y
Z
B
A
RO
DE
DI
RE
R
D
RT
Z
Y
RT
Master
Slave
AB
RO
DE DI
R
D
YZ
Slave
RE
Receive
Transmit


Similar Part No. - ISL3150EIBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150EIBZ INTERSIL-ISL3150EIBZ Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
More results

Similar Description - ISL3150EIBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com